Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3388-3 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC3388-3
Description  18V Dual Input Micropower PowerPath Prioritizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3388-3 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC3388-3 Datasheet HTML 1Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 2Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 3Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 4Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 5Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 6Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 7Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 8Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4419
5
4419f
For more information www.linear.com/LTC4419
Output Voltage and Current
Waveforms During Switchover
Output Current IOUT Response for
Different Shorting Impedances
Typical perForMance characTerisTics
Output Current Limit vs
Temperature
IOUT vs VOUT for Different Input
Supply Voltages
V1 Reverse Voltage Blocking with
V2 Powering OUT
Switchover from a Higher to a
Lower Voltage
Switch RON vs Temperature
OUT
10V
6V
10µs/DIV
V2
IOUT
0.5A/DIV
V1
2V/DIV
4419 G16
COUT = 10µF
C1 = C2 = 10µF
ILOAD = 50mA
5V
3.6V
2V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1
2
3
4
5
4419 G13
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.80
0.90
1.00
1.10
1.20
1.30
1.40
4419 G10
ILOAD = 50mA
6V
–10V
10V
20ms/DIV
V2
5V/DIV
V1
10V/DIV
IOUT
0.5A/DIV
4419 G17
OHMIC
CURRENT
LIMIT
FOLDBACK
VIN = 1.8V
VIN = 3.6V
VIN = 5V
VOUT (V)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
1.2
4419 G12
COUT = 10µF
IOUT = 200mA
DISCONNECT FROM V1
CONNECT TO V2
3ms/DIV
V1
OUT
2V/DIV
V2
4419 G15
1.2Ω
2.2Ω
3.3Ω
3.9Ω
5.0Ω
40µs/DIV
0
0.5
1.0
1.5
2.0
2.5
3.0
4419 G11
(TA = 25°C, V1 = V2 = 3.6V unless otherwise indicated).
Freshness Seal Current
vs V2 Voltage and Temperature
V1 = 0V
1.8V
3.6V
5V
≥6V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
50
100
150
200
250
4419 G14


Similar Part No. - LTC3388-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3388-3 LINER-LTC3388-3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3388-3 LINER-LTC3388-3 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3388-3 LINER-LTC3388-3 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
logo
Linear Integrated Syste...
LTC3388-3 LINEAR-LTC3388-3 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3388-3 LINEAR-LTC3388-3 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
More results

Similar Description - LTC3388-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420CDD LINEAR-LTC4420CDD Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4420IMSE LINEAR-LTC4420IMSE Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
   Dual PowerPath Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com