Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT3050
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3050 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT3050 Datasheet HTML 2Page - Linear Integrated Systems LT3050 Datasheet HTML 3Page - Linear Integrated Systems LT3050 Datasheet HTML 4Page - Linear Integrated Systems LT3050 Datasheet HTML 5Page - Linear Integrated Systems LT3050 Datasheet HTML 6Page - Linear Integrated Systems LT3050 Datasheet HTML 7Page - Linear Integrated Systems LT3050 Datasheet HTML 8Page - Linear Integrated Systems LT3050 Datasheet HTML 9Page - Linear Integrated Systems LT3050 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT6658
6
6658f
For more information www.linear.com/LT6658
2.5V Minimum VIN to VOUT1
Differential, Sourcing
2.5V Minimum VIN to VOUT2
Differential, Sourcing
2.5V VOUT1 Power Supply
Rejection Ratio vs Frequency
2.5V VOUT2 Power Supply
Rejection Ratio vs Frequency
2.5V VOUT1 Power Supply
Rejection Ratio vs Frequency
2.5V VOUT2 Power Supply
Rejection Ratio vs Frequency
2.5V Output Accuracy Histogram
2.5V Supply Current vs Input
Voltage
2.5V Output Disable (OD) Low
Supply Current vs Input Voltage
TA = 25°C, VIN = VIN1 = VIN2 = VOUT1_F + 2.5V =
VOUT2_F + 2.5V, COUT1 = COUT2 = 1µF, ILOAD = 0mA, unless otherwise noted.
Typical perForMance characTerisTics
INPUT VOLTAGE (V)
0
4
8 12 16 20 24 28 32 36 40
0
0.5
1.0
1.5
2.0
2.5
6658 G11
125°C
25°C
–40°C
125°C
25°C
–40°C
INPUT VOLTAGE (V)
0
4
8 12 16 20 24 28 32 36 40
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
6658 G12
125°C
25°C
–40°C
INPUT–OUTPUT VOLTAGE (V)
1.1
1.4
1.6
1.9
2.1
0.1
1
10
100
200
6658 G13
COUT1 = 1µF
ILOAD = 0A
VIN = VIN1 = VIN2 = 6V
CNR = 1µF
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
6658 G15
COUT2 = 1µF
ILOAD = 0A
VIN = VIN1 = VIN2 = 6V
CNR = 1µF
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
6658 G16
CNR = 10µF
COUT1 = 1µF
VIN = VIN1 = VIN2 = 6V
ILOAD1 = 0A
ILOAD1 = 150mA
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
6658 G17
CNR = 10µF
COUT1 = 1µF
VIN = VIN1 = VIN2 = 6V
ILOAD = 0A
ILOAD = 50mA
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
6658 G18
VOUT1 (V)
2.4985 2.4990 2.4995 2.5000 2.5005 2.5010 2.5015
0
5
10
15
20
25
30
35
40
6658 G10
125°C
25°C
–40°C
INPUT–OUTPUT VOLTAGE (V)
1.1
1.3
1.5
1.7
1.9
2.1
0.1
1
10
100
6658 G14


Similar Part No. - LT3050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050 LINER-LT3050 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3050 LINER-LT3050 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Linear Integrated Syste...
LT3050 LINEAR-LT3050 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
More results

Similar Description - LT3050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com