Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1461 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LT1461
Description  1.5ppm C Drift, Low Noise, Buffered Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1461 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LT1461 Datasheet HTML 3Page - Linear Integrated Systems LT1461 Datasheet HTML 4Page - Linear Integrated Systems LT1461 Datasheet HTML 5Page - Linear Integrated Systems LT1461 Datasheet HTML 6Page - Linear Integrated Systems LT1461 Datasheet HTML 7Page - Linear Integrated Systems LT1461 Datasheet HTML 8Page - Linear Integrated Systems LT1461 Datasheet HTML 9Page - Linear Integrated Systems LT1461 Datasheet HTML 10Page - Linear Integrated Systems LT1461 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT6657
7
6657fb
For more information www.linear.com/LT6657
Typical perForMance characTerisTics ThetestconditionsareT
A = 25°C,
VIN = VOUT + 0.5V, VSHDN = 1.6V, IOUT = 0, COUT = 1µF, unless otherwise noted.
COUT = 1µF Cer
COUT = 5µF Cer
COUT = 47µF Tant
FREQUENCY (kHz)
0.01
0.1
1
10
100
50
100
150
200
250
300
350
6657 G19
COUT = 1µF
FREQUENCY (kHz)
0.01
0.1
1
10
0.1
1
10
100
6657 G20
VSHDN = VIN
125°C
25°C
–40°C
–55°C
INPUT VOLTAGE (V)
–40 –30 –20 –10
0
10
20
30
40
–0.5
0
0.5
1.0
1.5
2.0
6657 G21
PART SELF HEATING
IS INCLUDED
125°C
25°C
–40°C
INPUT VOLTAGE (V)
0
10
20
30
40
4.9990
4.9995
5.0000
5.0005
5.0010
6657 G22
MS8 PACKAGE PART SELF
HEATING IS INCLUDED
125°C
25°C
–40°C
–55°C
OUTPUT CURRENT (mA)
0.1
1
10
–30
–20
–10
0
10
20
30
6657 G23
MS8 PACKAGE PART SELF
HEATING IS INCLUDED
125°C
25°C
–40°C
–55°C
OUTPUT CURRENT (mA)
0.1
1
10
–30
–20
–10
0
10
20
30
6657 G24
5V Output Voltage Noise
Spectrum
5V Integrated Noise 10Hz to
10kHz
5V Supply Current vs Input
Voltage
5V Line Regulation
5V Load Regulation (Sourcing)
5V Load Regulation (Sinking)
5V Minimum VIN to VOUT
Differential (Sourcing)
5V Minimum VIN to VOUT
Differential (Sinking)
5V Output Impedance vs
Frequency
125°C
25°C
–40°C
–55°C
INPUT–OUTPUT VOLTAGE (mV)
0
100
200
300
400
500
0.1
1
10
6657 G25
VIN < VOUT
125°C
25°C
–40°C
–55°C
INPUT–OUTPUT VOLTAGE (mV)
–350 –300 –250 –200 –150 –100 –50
0
50
0.1
1
10
6657 G26
COUT = 1µF
COUT = 10µF
COUT = 100µF
FREQUENCY (kHz)
1
10
100
1k
0.1
1
10
100
6657 G27


Similar Part No. - LT1461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT1461 LINER-LT1461 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT1461 LINER-LT1461 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LT1461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com