Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-8300-351G-10 Datasheet(PDF) 3 Page - Copal Electronics

Part # P-8300-351G-10
Description  PRESSURE TRANSDUCERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-8300-351G-10 Datasheet(HTML) 3 Page - Copal Electronics

  P-8300-351G-10 Datasheet HTML 1Page - Copal Electronics P-8300-351G-10 Datasheet HTML 2Page - Copal Electronics P-8300-351G-10 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
23.22
3 6.8
(12)
1
14.8
4
× 2.54
1
2
3
4
G
Header (Iron, gold-plated)
Ceramic board with temp. compensation resistors
Stainless steel diaphragm
Housing
(SUS 316L)
(SUS 316L)
Terminal pin (Copper, Gold-plated)
4
× 2.54
Terminal pin (Copper, Gold-plated)
(22.8)
3 6.8
(12)
1
14.8
1
2
3
4
G
Ceramic board with temp.
compensation resistors
Stainless steel diaphragm
Housing
(SUS 316L)
(SUS 316L)
P-8300
PRESSURE TRANSDUCERS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance : ± 0.5 (Unit: mm)
PIN
CONNECTION
1
2
3
4
G
Output
B
Output
C
Input
C
Input
B
Housing
OP-8300Gauge type
P-8300
OP-8300Absolute type
Extra care should be taken with the diaphragm part. Do not touch the diaphragm directly to avoid damaging the diaphragm.
INTERNAL ELECTRICAL SCHEMATICS
2 (–)
3 (–)
4 (+)
1 (+)
G
Thick film resistors for temp. compensation
Output
INSTALLATION EXAMPLES (Unit: mm)
O An “O” ring P20 (conforms to JIS B 2401) is provided as
accessory. Make the mounting bore diametersφ24
andφ20
±
0.1, and the surface-roughness as 6.3 S (
▽▽▽ ).
+0.06
0
Applied press.
8.6


Similar Part No. - P-8300-351G-10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8305-101G COPAL-P-8305-101G Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
More results

Similar Description - P-8300-351G-10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
PA-708 COPAL-PA-708 Datasheet
561Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com