Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0206-29 Datasheet(PDF) 2 Page - Texas Instruments

Part # TXS0206-29
Description  MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0206-29 Datasheet(HTML) 2 Page - Texas Instruments

  TXS0206-29_16 Datasheet HTML 1Page - Texas Instruments TXS0206-29_16 Datasheet HTML 2Page - Texas Instruments TXS0206-29_16 Datasheet HTML 3Page - Texas Instruments TXS0206-29_16 Datasheet HTML 4Page - Texas Instruments TXS0206-29_16 Datasheet HTML 5Page - Texas Instruments TXS0206-29_16 Datasheet HTML 6Page - Texas Instruments TXS0206-29_16 Datasheet HTML 7Page - Texas Instruments TXS0206-29_16 Datasheet HTML 8Page - Texas Instruments TXS0206-29_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
E4
A4
B4
D4
DAT1B
DAT2B
DAT3B
WP
DAT0B
DAT1B
CLKB
CMDB
CLKB
DAT0B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
VCCA
DAT0A
DAT1A
DAT2A
DAT3A
CMDA
CLKA
CLK-f
GND
GND
VCCB O/P
DAT0B
DAT1B
DAT2B
DAT3B
CMDB
CLKB
VDDA
DAT0
DAT1
DAT2
DAT3
CMD
CLK
CLKin
GND
WP/CD
DAT2
DAT3
CMD
VSS1
VDD
CLK
VSS2
DAT0
DAT1
WP/CD (Physical)
CD (Physical)
GND
GND
WP (Physical)
A2
D1
E1
A1
B1
C1
D2
E2
C2
C3
VCCA
VCCB
Processor
SD/SDIO MMC
TXS0206-29
C3
0.1 F
C4
0.1 F
C1
0.1 F
VCCB
U1A
U2
J1
DAT2B
DAT3B
CMDB
B3
C4
D3
CD
WP/CD
WP/CD
A3
54794-0978
SD/SDIO
CardConnector
Level-Shifter
Integrated
ASIP
EMI Filter
Integrated Pullup/Pulldown Resistors
Integrated PSU
2.9 V, 200 mA
Feedback CLK
CLK
A Side
1.8 V
2.9 V
B Side
CLK
CMD
CMD
Data 0–3
Data 0–3
EN
WP, CD
WP, CD
Antenna
Pins 10, 11
WP, CD 1.8-V Pullup
ESD – ±8-kV Contact Discharge
ESD – 2 kV
MMC,
SD Card, or
MS Card
CPU
TXS0206-29
SCES690 – DECEMBER 2009
www.ti.com
REFERENCE DESIGN
Figure 1. Interfacing With SD/SDIO Card
Figure 2. Typical Application Circuit
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Similar Part No. - TXS0206-29_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206-29_1007 TI-TXS0206-29_1007 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results

Similar Description - TXS0206-29_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_1007 TI-TXS0206-29_1007 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_0912 TI-TXS0206-29_0912 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com