Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0104EQPWRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0104EQPWRQ1
Description  4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0104EQPWRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXS0104EQPWRQ1 Datasheet HTML 3Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 4Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 5Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 6Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 7Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 8Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 9Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 10Page - Texas Instruments TXS0104EQPWRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TXS0104E-Q1
www.ti.com
SCES853B – NOVEMBER 2013 – REVISED MAY 2014
6.8 Timing Requirements—VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
Push-pull driving
22
24
Data rate
Mbps
Open-drain driving
2
2
Push-pull driving
45
41
Pulse duration
tw
Data inputs
ns
See Figure 7
Open-drain driving
500
500
6.9 Switching Characteristics—VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Propagation delay time
Push-pull driving
6
5.8
5.8
tPHL(A-B)
(high to low)
From A (input) to B (output)
8.8
9.6
10
Open-drain driving
See Figure 8
ns
Propagation delay time
Push-pull driving
4.4
4.5
4.7
tPHL(B-A)
(high to low)
From B (input) to A (output)
5.3
4.4
4
Open-drain driving
See Figure 8
Propagation delay time
Push-pull driving
7.7
6.8
7
tPLH(A-B)
(low to high)
From A (input) to B (output)
50
26
33
Open-drain driving
See Figure 8
ns
Propagation delay time
Push-pull driving
5.3
4.5
0.5
tPLH(B-A)
(low to high)
From B (input) to A (output)
36
16
20
Open-drain driving
See Figure 8
ten(OE-A)
From OE (input) to A
200
200
200
Enable time
ns
ten(OE-B)
or B (output)
tdis(OE-A)
From OE (input) to A
200
200
200
Disable time
ns
tdis(OE-B)
or B (output)
Push-pull driving
9.5
9.3
15
tr(Ax)
Rise time, A port
ns
Open-drain driving
38
199
30
150
22
109
Push-pull driving
10.8
9.1
7.6
tr(Bx)
Rise time, B port
ns
Open-drain driving
34
186
23
112
10
58
Push-pull driving
5.9
6
13.3
tf(Ax)
Fall time, A port
Open-drain driving
6.9
6.4
6.1
ns
Push-pull driving
7.6
7.5
8.8
tf(Bx)
Fall time, B port
Open-drain driving
13.8
16.2
16.2
tsk
Channel-to-channel skew
1
1
1
ns
Push-pull driving
18
21
23
Maximum data rate
Mbps
Open-drain driving
2
2
2
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TXS0104E-Q1


Similar Part No. - TXS0104EQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104EQPWRQ1 TI-TXS0104EQPWRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   TXS0104E-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED JUNE 2023
TXS0104EQPWRQ1 TI-TXS0104EQPWRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   TXS0104E-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED OCTOBER 2023
TXS0104EQPWRQ1 TI1-TXS0104EQPWRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   TXS0104E-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
OCTOBER 2023
More results

Similar Description - TXS0104EQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com