Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS0104EQPWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # XS0104EQPWRQ1
Description  4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XS0104EQPWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  XS0104EQPWRQ1 Datasheet HTML 1Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 2Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 3Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 4Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 5Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 6Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 7Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 8Page - Texas Instruments XS0104EQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TXS0104E-Q1
SCES853B – NOVEMBER 2013 – REVISED MAY 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
–0.5
4.6
Supply voltage
V
VCCB
–0.5
6.5
A1, A2, A3, A4
A port
–0.5
4.6
Input-output pin voltage,
V
VIO
(2)
B1, B2, B3, B4
B port
–0.5
6.5
A port
–0.5
4.6
Voltage range applied to any output in the high-
V
impedance or power-off state(2)
B port
–0.5
6.5
Output voltage, VO
A port
–0.5
VCCA + 0.5
Voltage range applied to any output in the high or low
V
state(2)(3)
B port
–0.5
VCCB + 0.5
Input clamp current, IIK
VI < 0
–50
mA
Output clamp current, IOK
VO < 0
–50
mA
Continuous output current, IO
±50
mA
Continuous current through each VCCA, VCCB, or GND
±100
mA
Operating virtual junction temperature range, TJ
–40
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCCA and VCCB are provided in the recommended operating conditions table.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2.5
2.5
V(ESD)
Electrostatic discharge
kV
Charged device model (CDM), per AEC Q100-011, all pins
–1.5
1.5
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TXS0104E-Q1


Similar Part No. - XS0104EQPWRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XS0015/TR STMICROELECTRONICS-XS0015/TR Datasheet
52Kb / 2P
   VGA Color CMOS Image Sensor Module
More results

Similar Description - XS0104EQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com