Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2T45YEPR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC2T45YEPR
Description  DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2T45YEPR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2T45YEPR Datasheet HTML 1Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 2Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 3Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 4Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 5Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC2T45YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN74LVC2T45
DUALBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES516E − DECEMBER 2003 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 6)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.65
5.5
V
VCCB
Supply voltage
1.65
5.5
V
1.65 V to 1.95 V
VCCI × 0.65
VIH
High-level input
Data inputs
2.3 V to 2.7 V
1.7
V
VIH
High-level input
voltage
Data inputs
(see Note 7)
3 V to 3.6 V
2
V
voltage
(see Note 7)
4.5 V to 5.5 V
VCCI × 0.7
1.65 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
Data inputs
2.3 V to 2.7 V
0.7
V
VIL
Low-level input
voltage
Data inputs
(see Note 7)
3 V to 3.6 V
0.8
V
voltage
(see Note 7)
4.5 V to 5.5 V
VCCI × 0.3
DIR
1.65 V to 1.95 V
VCCA × 0.65
VIH
High-level input
DIR
(Referenced to VCCA)
2.3 V to 2.7 V
1.7
V
VIH
High-level input
voltage
(Referenced to VCCA)
(see Note 8)
3 V to 3.6 V
2
V
voltage
(see Note 8)
4.5 V to 5.5 V
VCCA × 0.7
DIR
1.65 V to 1.95 V
VCCA × 0.35
VIL
Low-level input
DIR
(Referenced to VCCA)
2.3 V to 2.7 V
0.7
V
VIL
Low-level input
voltage
(Referenced to VCCA)
(see Note 8)
3 V to 3.6 V
0.8
V
voltage
(see Note 8)
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCCO
V
1.65 V to 1.95 V
−4
IOH
High-level output current
2.3 V to 2.7 V
−8
mA
IOH
High-level output current
3 V to 3.6 V
−24
mA
4.5 V to 5.5 V
−32
1.65 V to 1.95 V
4
IOL
Low-level output current
2.3 V to 2.7 V
8
mA
IOL
Low-level output current
3 V to 3.6 V
24
mA
4.5 V to 5.5 V
32
1.65 V to 1.95 V
20
Input transition rise or
Data inputs
2.3 V to 2.7 V
20
∆t/∆v
Input transition rise or
fall rate
Data inputs
3 V to 3.6 V
10
ns/V
t/ v
fall rate
4.5 V to 5.5 V
5
ns/V
Control input
1.65 V to 5.5 V
5
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7. For VCCI values not specified in the data sheet, VIH(min) = VCCI x 0.7 V, VIL(max) = VCCI x 0.3 V.
8. For VCCI values not specified in the data sheet, VIH(min) = VCCA x 0.7 V, VIL(max) = VCCA x 0.3 V.


Similar Part No. - SN74LVC2T45YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2T45YZP TI1-SN74LVC2T45YZP Datasheet
1Mb / 32P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74LVC2T45YZP TI1-SN74LVC2T45YZP Datasheet
1Mb / 32P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74LVC2T45YZPR TI-SN74LVC2T45YZPR Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45YZPR TI-SN74LVC2T45YZPR Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45YZPR TI-SN74LVC2T45YZPR Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVC2T45YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com