Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVPE801DRFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVPE801DRFR
Description  8.0 Gbps SATA Express Equalizer and Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVPE801DRFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LVPE801DRFR Datasheet HTML 5Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 6Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 7Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 8Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 9Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 10Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 11Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 12Page - Texas Instruments SN75LVPE801DRFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
4" 4 mil Stripline
40" 4mil
Stripline
AWG
Jitter
Measurement
CP
-RL
dB
TX
Rx0.
0.3
4
6
Log Frequency - GHz
9
SN75LVPE801
www.ti.com
SLLSEW8 – SEPTEMBER 2016
Product Folder Links: SN75LVPE801
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 6. TX, RX Differential Return Loss Limits
Figure 7. Jitter Measurement Test Condition


Similar Part No. - SN75LVPE801DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJR TI1-SN75LVPE802RTJR Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJT TI1-SN75LVPE802RTJT Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
More results

Similar Description - SN75LVPE801DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com