Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVPE801 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVPE801
Description  8.0 Gbps SATA Express Equalizer and Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVPE801 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LVPE801 Datasheet HTML 1Page - Texas Instruments SN75LVPE801 Datasheet HTML 2Page - Texas Instruments SN75LVPE801 Datasheet HTML 3Page - Texas Instruments SN75LVPE801 Datasheet HTML 4Page - Texas Instruments SN75LVPE801 Datasheet HTML 5Page - Texas Instruments SN75LVPE801 Datasheet HTML 6Page - Texas Instruments SN75LVPE801 Datasheet HTML 7Page - Texas Instruments SN75LVPE801 Datasheet HTML 8Page - Texas Instruments SN75LVPE801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
SN75LVPE801
www.ti.com
SLLSEW8 – SEPTEMBER 2016
Product Folder Links: SN75LVPE801
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, P = Power
5 Description (continued)
Two de-emphasis levels can be selected on the transmit side to provide 0 dB or 1.2 dB of additional high-
frequency loss compensation at the output.
The device is hot-plug capable(1) preventing device damage under device hot-insertion such as async signal plug
and removal, unpowered plug and removal, powered plug and removal, or surprise plug and removal.
(1) Requires use of AC coupling capacitors at differential inputs and outputs.
6 Pin Configuration and Functions
DRF Package
8-Pin WSON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
HIGH SPEED DIFFERENTIAL I/O
RX+
2
I
Noninverting and inverting CML differential inputs. These pins are tied to an internal voltage bias by dual
termination resistor circuit.
RX–
3
I
TX+
7
O
Noninverting and inverting VML differential outputs. These pins are tied to an internal voltage bias by
dual termination resistor circuit.
TX–
6
O
CONTROL PINS
EQ
4
I
Selects equalization settings per Table 1. Internally tied to GND.
DE
8
I
Selects de-emphasis settings per Table 1. Internally tied to GND.
POWER
VCC
1
P
Positive supply must be 3.3 V ±10%
GND
5
G
Supply ground


Similar Part No. - SN75LVPE801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJR TI1-SN75LVPE802RTJR Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJT TI1-SN75LVPE802RTJT Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
More results

Similar Description - SN75LVPE801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com