Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP7002 Datasheet(PDF) 40 Page - Texas Instruments

Part # TVP7002
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TVP7002_16 Datasheet HTML 36Page - Texas Instruments TVP7002_16 Datasheet HTML 37Page - Texas Instruments TVP7002_16 Datasheet HTML 38Page - Texas Instruments TVP7002_16 Datasheet HTML 39Page - Texas Instruments TVP7002_16 Datasheet HTML 40Page - Texas Instruments TVP7002_16 Datasheet HTML 41Page - Texas Instruments TVP7002_16 Datasheet HTML 42Page - Texas Instruments TVP7002_16 Datasheet HTML 43Page - Texas Instruments TVP7002_16 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
MISC Control 4
Subaddress
22h
Default (08h)
7
6
5
4
3
2
1
0
SP Reset
Yadj_delay [2:0]
MAC_EN
Coast Dis
VS Select
VS Bypass
SP Reset: Active-high reset for Sync Processing block. This bit may be used to manually reset the sync separator, sync accumulator,
activity and polarity detectors, and line and pixels counters.
0 = Normal operation (default)
1 = Sync processing reset
Yadj_delay [2:0]: Adjusts the phase delay of the luma output relative to the chroma output. Used to compensate for the chroma delay
associated with the 4:4:4 to 4:2:2 chroma sample conversion.
0h = Minimum delay (default)
7h = Maximum delay
MAC_EN: Toggling of the MAC_EN bit was required for TVP7000 and TVP7001 Macrovision support. This is no longer required with the
TVP7002.
0 = Macrovision stripper disabled (recommended setting for nominal HD and PC graphics inputs).
1 = Macrovision stripper enabled (default)
NOTE: When the Macrovsion stripper is enabled, ALC and Clamp pulse placement is affected by the Macrovision Stripper
Width setting. See Register 34h for details.
Coast Dis: Active-high internal coast signal disable for 5-wire PC graphics inputs. Has no effect when the external coast signal is selected.
See bit 5 of register 0Fh.
0 = Internal coast signal enabled (default)
1 = Internal coast signal disabled
VS Select: VSYNC select
0 = VSOUT is generated by the sync separator (default). When there is no sync separator activity, VSOUT
will be generated by the half line accumulator .
1 = VSOUT is generated by the half line accumulator
VS Bypass: VSYNC timing bypass
0 = Normal operation (default). VS is derived from the sync separator or half line accumulator based on VS select, and the
internal pixel/line counters. Register 35h can be used to adjust VSOUT alignment relative to HSOUT.
1 = Bypass VSYNC processing. VSOUT is derived directly from the sync separator. VSOUT delay varies with sync separator
threshold (register 11h). Register 35h has no effect.
Blue Digital ALC Output LSBs
Subaddress
23h
Read only
7
6
5
4
3
2
1
0
Blue ALC Out [7:0]
Blue ALC Out [7:0]: Eight LSBs of 10-bit filtered digital ALC output for Blue channel. The corresponding two MSBs are located at
subaddress 27h. With the internal ALC loop enabled, the ADC dynamic range can be maximized by adjusting the coarse offset settings
based on the ALC read back values. See registers 1Eh–20h for analog coarse offset control. If large adjustments are made to the analog
coarse offset control, adequate time must be allowed for the ALC to converge prior to reading of this register. ALC delay requirements will
depend on the ALC NSV filter settings and the video input line rate. A delay of 30ms should be adequate for a 480i input with an NSV
setting of 1/64. ALC NSV filtering can be increased following final coarse offset adjsutment. See register 28h for more information on ALC
filter settings. Twos-complement value.
ALC Out[9:0] = ADC output – 512
For bottom-level clamped inputs (YRGB):
Target ADC output blank level = 32 to avoid bottom level clipping at ADC
ALC Out[9:0] = 32 – 512 = –480 = 220h
Starting from positive offset, decrement YRGB coarse offset until ALC Out [9:0]
≤ 220h
For mid-level clamped inputs (PbPr):
Target ADC output blank level = 512
ALC Out[9:0] = 512 – 512 = 0
Starting from positive offset, decrement PbPr coarse offset until ALC Out [9:0]
≤ 0.
40
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002


Similar Part No. - TVP7002_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025IPZP TI-TVP70025IPZP Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025IPZPR TI-TVP70025IPZPR Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZP TI-TVP7002PZP Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZPR TI-TVP7002PZPR Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
More results

Similar Description - TVP7002_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
[Old version datasheet]   TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
[Old version datasheet]   Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com