Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP7002 Datasheet(PDF) 30 Page - Texas Instruments

Part # TVP7002
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TVP7002_16 Datasheet HTML 26Page - Texas Instruments TVP7002_16 Datasheet HTML 27Page - Texas Instruments TVP7002_16 Datasheet HTML 28Page - Texas Instruments TVP7002_16 Datasheet HTML 29Page - Texas Instruments TVP7002_16 Datasheet HTML 30Page - Texas Instruments TVP7002_16 Datasheet HTML 31Page - Texas Instruments TVP7002_16 Datasheet HTML 32Page - Texas Instruments TVP7002_16 Datasheet HTML 33Page - Texas Instruments TVP7002_16 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
Red Fine Offset MSBs
Subaddress
0Dh
Default (80h)
7
6
5
4
3
2
1
0
Red Fine Offset [9:2]
Red Fine Offset [9:2]: 8 MSBs of 10-bit fine digital offset (brightness) for Red channel (applied after ADC). Corresponding two LSBs located
at register 1Dh. Offset binary value.
The default setting of 80h places the bottom-level (RGB) clamped output blank levels at 0 and mid-level clamped (PbPr) output blank levels
at 512.
FFh = Maximum fine offset
81h = 1 LSB
80h = 0 (default)
7Fh = –1 LSB
00h = Minimum fine offset
Sync Control 1
Subaddress
0Eh
Default (5Bh)
7
6
5
4
3
2
1
0
HSPO
HSIP
HSOP
AHSO
AHSS
VSOP
AVSO
AVSS
HSPO: HSYNC polarity override
0 = Polarity determined by chip (default)
1 = Polarity set by bit 6 in register 0Eh (not recommended)
HSIP: HSYNC input polarity
0 = Indicates input HSYNC polarity active low
1 = Indicates input HSYNC polarity active high (default)
HSOP: HSYNC output polarity
0 = Active-low HSYNC output (default)
1 = Active-high HSYNC output
NOTE: HSOP has no effect in raw sync bypass mode. See register 36h.
AHSO: Active HSYNC override
0 = Active HSYNC is automatically selected by TVP7002. If selected, SOG and HSYNC inputs both have active inputs,
HSYNC is selected as the active sync source. The selected active HSYNC is provided via the AHS status bit (bit 6 of
register 14h).
1 = Active HSYNC is manually selected via the AHSS control bit (bit 3 of register 0Eh). (default)
NOTE: Automatic sync selection should be enabled only for 5-wire PC graphics inputs.
AHSS: Active HSYNC select. The indicated HSYNC is used only if the AHSO control bit (bit 4) is set to 1 or if activity is detected on both
the selected HSYNC input and the selected SOG input (bits 1, 7 = 1 in register 14h).
0 = Active HSYNC is derived from the selected HSYNC input.
1 = Active HSYNC is derived from the selected SOG input (default).
VSOP: VSYNC output polarity
0 = Active-low VSYNC output (default)
1 = Active-high VSYNC output
AVSO: Active VSYNC override
0 = Active VSYNC is automatically selected by TVP7002. If selected, SOG and VSYNC inputs both have active inputs,
VSYNC is selected as the active sync source. The selected active VSYNC is provided via the AVS status bit (bit 3 of
register 14h).
1 = Active VSYNC is manually selected via the AVSS control bit (bit 0 of register 0Eh) (default).
NOTE: Automatic sync selection should be enabled only for 5-wire PC graphics inputs.
AVSS: Active VSYNC select. This bit is effective when the AVSO control bit (bit 1) is set to 1.
0 = Active VSYNC is derived from the selected VSYNC input.
1 = Active VSYNC is derived from the Sync separated VSYNC (default).
30
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002


Similar Part No. - TVP7002_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025IPZP TI-TVP70025IPZP Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025IPZPR TI-TVP70025IPZPR Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZP TI-TVP7002PZP Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZPR TI-TVP7002PZPR Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
More results

Similar Description - TVP7002_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
[Old version datasheet]   TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
[Old version datasheet]   Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com