Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS66WVE1M16EALL-70BLI Datasheet(PDF) 30 Page - Integrated Silicon Solution, Inc

Part No. IS66WVE1M16EALL-70BLI
Description  16Mb Async/Page PSRAM
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16EALL-70BLI Datasheet(HTML) 30 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE1M16EALL-70BLI Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 34Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
30
IS66/67WVE1M16EALL/EBLL/ECLL
IS66/67WVE1M16TALL/TBLL/TCLL
Rev. C | Oct. 2015
www.issi.com - SRAM@issi.com
Config.
Speed
(ns)
Order Part No.
Package
1Mx16
55
IS66WVE1M16EBLL-55BLI
48-ball TFBGA, Lead-free
70
IS66WVE1M16EBLL-70BLI
48-ball TFBGA, Lead-free
Notes :
1. The 48-pin TSOP-I package option is not yet available. Please contact SRAM marketing at
sram@issi.com for additional information.
Industrial Temperature Range: (-40oC to +85oC)
BLL: VDD 2.7V~3.6V, VDDQ 2.7V~3.6V
Config.
Speed
(ns)
Order Part No.
Package
1Mx16
70
IS66WVE1M16EALL-70BLI
48-ball TFBGA, Lead-free
Industrial Temperature Range: (-40oC to +85oC)
Ordering Information for EALL/EBLL/ECLL
ALL: VDD 1.7V~1.95V, VDDQ 1.7V~1.95V
Config.
Speed
(ns)
Order Part No.
Package
1Mx16
70
IS66WVE1M16ECLL-70BLI
48-ball TFBGA, Lead-free
Industrial Temperature Range: (-40oC to +85oC)
CLL: VDD 1.7V~1.95V, VDDQ 2.7V~3.6V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn