Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS66WVE1M16EALL-70BLI Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part No. IS66WVE1M16EALL-70BLI
Description  16Mb Async/Page PSRAM
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16EALL-70BLI Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE1M16EALL-70BLI Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24
IS66/67WVE1M16EALL/EBLL/ECLL
IS66/67WVE1M16TALL/TBLL/TCLL
Rev. C | Oct. 2015
www.issi.com - SRAM@issi.com
Table14 . Load Configuration Register Timing Requirements
Symbol
Parameter
-55
-70
Unit
Note
Min
Max
Min
Max
tAS
Address setup time
0
0
ns
tAW
Address valid to end of write
55
70
ns
tCDZZ
Chip deselect to ZZ# LOW
5
5
ns
tCPH
CE# HIGH time during write
5
5
ns
tCW
Chip enable to end of write
55
70
ns
tWC
Write cycle time
55
70
ns
tWP
Write pulse width
46
46
ns
2
tWR
Write recovery time
0
0
ns
1
tZZWE
ZZ# LOW to WE# LOW
10
500
10
500
ns
Symbol
Parameter
-55
-70
Unit
Notes
Min
Max
Min
Max
tCDZZ
Chip deselect to ZZ# LOW
5
5
ns
tR
Deep Power-down recovery
150
150
us
tZZ(MIN)
Minimum ZZ# pulse width
10
10
us
Table15 . DPD Timing Requirements
Symbol
Parameter
-55
-70
Unit
Notes
Min
Max
Min
Max
tPU
Initialization Period (required
before normal operations)
150
150
us
Table16 . Initialization Timing Requirements
Notes:
1. Write address is valid prior to or coincident with CE# LOW transition and is valid prior to or coincident with
CE# HIGH transition.
2. WE# LOW must be limited to tCEM.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn