Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS66WVE1M16EALL-70BLI Datasheet(PDF) 22 Page - Integrated Silicon Solution, Inc

Part No. IS66WVE1M16EALL-70BLI
Description  16Mb Async/Page PSRAM
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16EALL-70BLI Datasheet(HTML) 22 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE1M16EALL-70BLI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL-70BLI Datasheet HTML 26Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
IS66/67WVE1M16EALL/EBLL/ECLL
IS66/67WVE1M16TALL/TBLL/TCLL
Rev. C | Oct. 2015
www.issi.com - SRAM@issi.com
Table 12 . Asynchronous READ Cycle Timing Requirements
Symbol
Parameter
-55
-70
Unit
Notes
Min
Max
Min
Max
tAA
Address Acess Time
60
70
ns
tAPA
Page access Time
25
25
ns
tBA
LB# /UB# access Time
60
70
ns
tBHZ
LB#/UB# disable to High-Z output
8
8
ns
1
tBLZ
LB#/UB# enable to Low-Z output
10
10
ns
2
tCEM
Maximum CE# pulse width
8
8
us
4
tCO
Chip select access time
60
70
ns
tHZ
Chip disable to High-Z output
8
8
ns
1
tLZ
Chip enable to Low-Z output
10
10
ns
2
tOE
Output enable to valid output
20
20
ns
tOH
Output hold from address change
5
5
ns
tOHZ
Output disable to High-Z output
8
8
ns
1
tOLZ
Output enable to Low-Z output
3
3
ns
2
tPC
Page cycle time
20
20
ns
tRC
Read cycle time
60
70
ns
3
tCPH
CE# HIGH time Read
5
5
ns
AC Characteristics
Notes:
1. Low-Z to High-Z timings are tested with the circuit shown in Figure 9. The High-Z timings
measure a 100mV transition from either VOH or VOL toward VDDQ/2.
2. High-Z to Low-Z timings are tested with the circuit shown in Figure 9. The Low-Z timings
measure a 100mV transition away from the High-Z (VDDQ/2) level toward either VOH or VOL.
3. Address is valid prior to or coincident with CE# LOW transition and is valid prior to or coincident with CE#
HIGH transition.
4. tCEM during Asynchronous Read Operation does not apply to IS66/67WVE1M16TALL/BLL/CLL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn