Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0104-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TXB0104-Q1
Description  TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0104-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXB0104-Q1_15 Datasheet HTML 4Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 5Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 6Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 7Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 8Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 9Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 10Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 11Page - Texas Instruments TXB0104-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TXB0104-Q1
SCES727A – JUNE 2008 – REVISED DECEMBER 2014
www.ti.com
6.14 Switching Characteristics: VCCA = 2.5 V ± 0.2 V
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
A
B
9.3
8.2
7.7
tpd
ns
B
A
9.6
8.1
7.4
A
1
1
1
ten
OE
μs
B
1
1
1
A
220
220
220
tdis
OE
ns
B
220
220
220
trA, tfA
A-port rise and fall times
5
5
5
ns
trB, tfB
B-port rise and fall times
4.6
4.8
4.7
ns
6.15 Switching Characteristics: VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
A
B
7.7
7
tpd
ns
B
A
7.9
6.8
A
1
1
ten
OE
μs
B
1
1
A
280
280
tdis
OE
ns
B
220
220
trA, tfA
A-port rise and fall times
4.5
4.5
ns
trB, tfB
B-port rise and fall times
4.1
4.7
ns
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TXB0104-Q1


Similar Part No. - TXB0104-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104-Q1 TI1-TXB0104-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
More results

Similar Description - TXB0104-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
[Old version datasheet]   4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com