Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP3409170CFNR Datasheet(PDF) 11 Page - Texas Instruments

Part # TVP3409170CFNR
Description  Video Interface Palette True-Color CMOS RAMDAC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP3409170CFNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP3409170CFNR Datasheet HTML 7Page - Texas Instruments TVP3409170CFNR Datasheet HTML 8Page - Texas Instruments TVP3409170CFNR Datasheet HTML 9Page - Texas Instruments TVP3409170CFNR Datasheet HTML 10Page - Texas Instruments TVP3409170CFNR Datasheet HTML 11Page - Texas Instruments TVP3409170CFNR Datasheet HTML 12Page - Texas Instruments TVP3409170CFNR Datasheet HTML 13Page - Texas Instruments TVP3409170CFNR Datasheet HTML 14Page - Texas Instruments TVP3409170CFNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
1–5
1.7
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BLANK
7
I
Blank (active low, TTL compatible). BLANK is latched on the rising edge of PCLK. When
BLANK is low, the 1.44 mA current source on the analog outputs is turned off. The DACs
ignore digital input from memory. In mode 14, pixel data is aligned with the rising edge
of PCLK after BLANK rises.
COMP
45
Compensation terminal. Bypass this terminal with an external 0.1
µF capacitor to VCC.
D(7–0)
14 – 21
I/O
Data bus (TTL compatible). Data is transferred between the data bus and the internal
registers under control of the RD and WR signals. In a microprocessor unit (MPU) write
operation, D(7–0) is latched on the rising edge of WR. To read data D(7–0) from the
device, RD must be in an active low state. The rising edge of the RD signal indicates the
end of a read cycle. Following the read cycle, the data bus goes to a high-impedance
state. Note that for 6-bit operation, color data is contained in the lower six bits of the data
bus. D0 is the LSB and D5 is the MSB. When the MPU writes color data, D6 and D7 are
ignored. During MPU read cycles, D6 and D7 are a logic 0.
FS(1,0)
2, 3
I
Clock frequency select (TTL compatible). FS(1,0) select the register sets that determine
the frequency of the clock synthesizers. FS(1,0) select the register sets when CC0(7)
and CC0(3) = 0. When CC0(7) and CC0(3) = 1, bits in the CC register select the register
sets.
GND
10, 26,
36, 39,
44, 47,
60
Ground. GND terminals connect to circuit ground.
OTCLKA
8
O
Output clock A (TTL compatible). Output clock from analog PLLA synthesizer.
OTCLKB
11
O
Output clock B (TTL compatible). Output clock from analog PLLB synthesizer.
PCLK
59
I
Pixel clock (TTL compatible). The duty cycle can be 30% to 70%. The rising edge of the
pixel clock latches the pixels and the BLANK input.
P(12–13),
P(14–15),
P(0–7),
P(8–11)
1,4,
12, 13,
51– 58,
64 – 67
I
Pixel in (TTL compatible). These terminals are latched on the rising edge of PCLK. Pixels
are presented to the DACs as color data in true-color modes and are used as addresses
in the pseudocolor mode to look up color data in the color RAM. Unused inputs should
be connected to GND.
RD
5
I
Read (active low, TTL compatible). When RD is low, data is transfered from the selected
internal register to the data bus. RS(1,0) is latched on the falling edge of RD.
RED,
GREEN,
BLUE
37,
38,
40
O
Color analog out. High-impedance current sources that are capable of driving a
double-terminated 75-
Ω coaxial cable.
REF
46
Voltage reference. REF should be bypassed with an external 0.1
µF capacitor to GND.
RESET
62
I
Reset (TTL compatible). This input resets internal registers to 0x00. RESET programs
the clock synthesizer register sets to produce 28.322 MHz and 25.175 MHz.
RSET
42
I
Reference resistor. An external resistor (RSET) is connected between the RSET terminal
and GND to control the magnitude of the full-scale current (refer to Section 2.6.8, DAC
Gain for more information).
RS(1,0)
23, 24
I
Register select (TTL compatible). These inputs are sampled on the falling edge of RD
or WR to determine which one of the internal registers is to be accessed.


Similar Part No. - TVP3409170CFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
More results

Similar Description - TVP3409170CFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI-TVP3703 Datasheet
298Kb / 21P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
TVP3703 TI1-TVP3703_05 Datasheet
325Kb / 22P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com