Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP3409-135CFN Datasheet(PDF) 7 Page - Texas Instruments

Part # TVP3409-135CFN
Description  Video Interface Palette True-Color CMOS RAMDAC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP3409-135CFN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TVP3409-135CFN Datasheet HTML 3Page - Texas Instruments TVP3409-135CFN Datasheet HTML 4Page - Texas Instruments TVP3409-135CFN Datasheet HTML 5Page - Texas Instruments TVP3409-135CFN Datasheet HTML 6Page - Texas Instruments TVP3409-135CFN Datasheet HTML 7Page - Texas Instruments TVP3409-135CFN Datasheet HTML 8Page - Texas Instruments TVP3409-135CFN Datasheet HTML 9Page - Texas Instruments TVP3409-135CFN Datasheet HTML 10Page - Texas Instruments TVP3409-135CFN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
1–1
1 Introduction
The TVP3409 is intended to be a direct replacement for the ATT20C409 RAM digital-to-analog converter
(RAMDAC). The TVP3409 RAMDAC supports 8-bit multiplexed operation that can be input on 16 pixel
terminals. The TVP3409 retains register compatiblity with the ATT20C498 and ATT20C499 devices. The
TVP3409 features 24-bit packed pixel modes that provide 24-bit graphics at up to 1024 x 768 screen
resolution. Dual clock synthesizers offer two programmable and two fixed frequencies in phase-locked-loop
A (PLLA) and one programmable and three fixed frequencies in phase-locked-loop B (PLLB). After reset,
the frequencies are:
PLLA: 25.175, 28.322, 50, and 75 MHz
PLLB: 30, 40, 50, and 60 MHz
Easy identification of the RAMDAC allows the video BIOS to determine if a requested mode is available on
the hardware being used.
1.1
Features
Functionally Interchangeable with ATT20C409
170/135 MHz (0.8
µm CMOS)
170 MHz 2:1 Multiplex 8-Bit Pseudocolor
73 MHz True Color
16-Bit Pixel Port Usable as an 8-Bit Port
Compatible With ATT20C490 Using P(7–0)
Compatible With ATT20C498 Using P(15–0)
9 Software Selectable Color Modes
24-Bit Packed Pixel
24-Bit True Color
8-Bit Pseudocolor
Dual Programmable Clock Synthesizers
Pixel Clock and Memory Clock
Reset to 28.322-MHz and 25.175-MHz VGA Frequencies
Strobe Input Latches Frequency Select Lines
On-Chip PLL Clock Doubler
85 MHz input
170 MHz Pixel Output
2:1 and 1:1 Pixel Multiplexing
Power Dissipation of 1.19 W at 135 MHz Typical
256
× 24 Color RAM
Triple 8-Bit Monotonic Digital-to-Analog Converters (DACs)
Software Compatible With the AT&T ATT20C498/499/409
68-Terminal Plastic Leaded Chip Carrier (PLCC) Package


Similar Part No. - TVP3409-135CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
More results

Similar Description - TVP3409-135CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI-TVP3703 Datasheet
298Kb / 21P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
TVP3703 TI1-TVP3703_05 Datasheet
325Kb / 22P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com