Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP3409 Datasheet(PDF) 46 Page - Texas Instruments

Part # TVP3409
Description  Video Interface Palette True-Color CMOS RAMDAC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP3409 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TVP3409_09 Datasheet HTML 42Page - Texas Instruments TVP3409_09 Datasheet HTML 43Page - Texas Instruments TVP3409_09 Datasheet HTML 44Page - Texas Instruments TVP3409_09 Datasheet HTML 45Page - Texas Instruments TVP3409_09 Datasheet HTML 46Page - Texas Instruments TVP3409_09 Datasheet HTML 47Page - Texas Instruments TVP3409_09 Datasheet HTML 48Page - Texas Instruments TVP3409_09 Datasheet HTML 49Page - Texas Instruments TVP3409_09 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
A–2
For the TVP3409, decouple VCC terminal to ground with a 0.1 F capacitor. For higher frequency pixel clocks
(> 110 MHz) use a 0.01
µF capacitor in parallel with the 0.1 µF capacitor to shunt the higher frequency noise
to ground. Power supply noise should be less than 200 mV for a good design. About 10% of any noise below
1 MHz is coupled onto the DAC outputs. As illustrated in Figure A–3, the COMP terminal should be
decoupled with a 0.1
µF capacitor. For designs showing ghosting or smearing add a parallel COMP
capacitance of 2.2
µF.
Digital Signals
The digital inputs should not travel over the analog power plane when possible. The RAMDAC should be
located over the analog plane close to the digital-analog supply separation. The RAMDAC can also be
placed over the supply separation so the digital pixel inputs are over the digital supply plane. The digital
inputs, especially the P(15–0) high-speed inputs, should be isolated from the analog outputs. Placing the
digital inputs over the digital supply reduces coupling into the analog supply plane. High-speed signals (both
analog and digital) should not be routed under the RAMDAC.
Avoid high slew-rate edges as they can contribute to undershoot, overshoot, ringing, EMI, and noise feed
through. Edges can be slowed down using series termination (33 to 150
Ω). Edge noise can result when
a digital signal propagates from an impedance mismatch while the signal rises. The reflection noise is
particularly troublesome in the TTL threshold region. For a 2-ns edge, the trace length must be less than
4 inches.
The clock signal trace should be as short as possible and should not run parallel to any high-speed signals.
To ensure a quality clock signal without high frequency noise components, decouple the supply terminals
on the clock driver. When necessary, transmission line techniques should be used on the clock by providing
controlled impedance striplines and parallel termination. The 2x clock doubler in the TVP3409 helps to
reduce signal quality problems and EMI radiations by reducing the frequency of the clock signal to the
device.
Analog Signals
The load resistor should be as close as possible to the DAC outputs. The resistor should equal the
destination termination which is usually a 75-
Ω monitor. Unused analog outputs should be connected to
ground. The DAC output traces should be as short as possible to minimize any impedance mismatch in the
trace or video connector.
Match the impedance of the R, G, B traces with the termination (75
Ω). The width of the traces are
determined by the distance from the ground plane and the dielectric constant of the PC board material. Keep
the R, G, B traces at least 20 to 50 mils wide. Series ferrite beads can be added to the analog video signal
to reduce high frequency signals coupled onto the DAC outputs or reflected from the monitor.
To reduce the interaction of the analog video return current with board components, a separate video ground
return trace can be added to the ground plane or signal layer. This trace connects directly to the ground of
the edge card connector (see Figure A–2). Using a separate video ground return path ensures that the
RAMDAC ground is not corrupted with video return current.


Similar Part No. - TVP3409_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
More results

Similar Description - TVP3409_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI-TVP3703 Datasheet
298Kb / 21P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
TVP3703 TI1-TVP3703_05 Datasheet
325Kb / 22P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com