Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP3409 Datasheet(PDF) 30 Page - Texas Instruments

Part # TVP3409
Description  Video Interface Palette True-Color CMOS RAMDAC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP3409 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TVP3409_09 Datasheet HTML 26Page - Texas Instruments TVP3409_09 Datasheet HTML 27Page - Texas Instruments TVP3409_09 Datasheet HTML 28Page - Texas Instruments TVP3409_09 Datasheet HTML 29Page - Texas Instruments TVP3409_09 Datasheet HTML 30Page - Texas Instruments TVP3409_09 Datasheet HTML 31Page - Texas Instruments TVP3409_09 Datasheet HTML 32Page - Texas Instruments TVP3409_09 Datasheet HTML 33Page - Texas Instruments TVP3409_09 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
2–18
Table 2–19. Clock Synthesizer Reset Frequencies and FS(1,0) Terminal Logic Levels
OTCLKA
OTCLKB
FS(1,0)
CC(5,4)
RESET
FREQUENCY
(MHz)
FS(1,0)
CC(1,0)
RESET
FREQUENCY
(MHz)
LL
00
25.057
LL
00
29.979
LH
01
28.189
LH
01
40.091
HL
10
50.114
HL
10
50.114
HH
11
75.170
HH
11
59.957
PCLK must meet the minimum high time as specified by the clock period and duty cycle AC specifications
in Section 3, Electrical Characteristics. When switching PCLK frequencies, LUT corruption can occur if the
PCLK high time is not met. Allow approximately one second after switching frequencies for the synthesizer
outputs to settle to a valid clock signal.
The diagram in Figure 2–5 is duplicated for the internal PLL (the TVP3409 has two PLLs on chip).
XTAL
OSC
1
÷ (N + 2)
Phase
Compare
Charge
Pump
Loop
Filter
VCO
1
÷ (2P)
1
÷ (M + 2)
Clock
Register
Sets
OTCLKA
or
OTCLKB
XIN
XOUT
RESET
Figure 2–4. Clock Synthesizer Block Diagram
2.6.4.1
Determining Output Frequency
The output frequency, OTCLK, is determined by the following equation.
OTCLK
+
F
ref
(M
) 2)
(N
) 2)
2P
(1)
Where Fref is the input reference frequency, M is the feedback divider (8-bits), N is the input reference
frequency divider (6-bits), and P is the postscaler divider or the exponent setting the output frequency divider
(2-bits). Each synthesizer has four selectable frequencies. There are eight sets of M, N, and P registers.
These registers are listed in Table 2–5.
Clock synthesizer A (PLLA) and clock synthesizer B (PLLB) can be controlled by frequency select lines or
control register bits. Each synthesizer is independently programmed to determine whether the FS(1,0)
terminals or the control register bits control its frequency. When both synthesizers are programmed to use
the frequency select lines, both synthesizers move in frequency at the same time to their respective register
sets A, B, C, or D. When using the control register bits to control frequency, synthesizers A and B move in
frequency independently and can move to different register sets. They do not have to both be set to the same
register set A, B, C, or D.
See Appendix A, Application Information for component connections and Appendix B, Register Summary
for values for the clock synthesizer.
2.6.5
Clock Multiplier
The clock multiplier is a third PLL that is automatically activated when either mode 2 or mode 14 is
programmed. In mode 2, the multiplier doubles the PCLK. In mode 14, the PCLK is multiplied by 2/3.


Similar Part No. - TVP3409_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
More results

Similar Description - TVP3409_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI-TVP3703 Datasheet
298Kb / 21P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
TVP3703 TI1-TVP3703_05 Datasheet
325Kb / 22P
[Old version datasheet]   VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com