Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45VM32100D-75BLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS45VM32100D-75BLA1
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45VM32100D-75BLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS45VM32100D-75BLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45VM32100D-75BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Rev. A | November 2015
www.issi.com - dram@issi.com
IS42/45SM/RM/VM32100D
512K x 32Bits x 2Banks Low Power Synchronous DRAM
Description
These IS42SM/RM/VM32100D are low power 33,554,432 bits CMOS Synchronous DRAM organized as 2 banks of 524,288 words x 32
bits. These products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs
are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve high bandwidth. All input
and output voltage levels are compatible with LVCMOS.
JEDEC standard 3.3V, 2.5V, 1.8V power supply.
• Auto refresh and self refresh.
• All pins are compatible with LVCMOS interface.
• 4K refresh cycle / 64ms.
• Programmable Burst Length and Burst Type.
- 1, 2, 4, 8 or Full Page for Sequential Burst.
- 4 or 8 for Interleave Burst.
• Programmable CAS Latency : 2,3 clocks.
• All inputs and outputs referenced to the positive edge of the
system clock.
• Data mask function by DQM.
• Internal dual banks operation.
• Burst Read Single Write operation.
• Special Function Support.
- PASR(Partial Array Self Refresh)
- Auto TCSR(Temperature Compensated Self Refresh)
• Programmable Driver Strength Control
- Full Strength or 1/2, 1/4, of Full Strength
• Deep Power Down Mode.
• Automatic precharge, includes CONCURRENT Auto Precharge
Mode and controlled Precharge.
Features
Copyright © 2015 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS45VM32100D-75BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45VM32160D ISSI-IS45VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS45VM32160E-6BLA1 ISSI-IS45VM32160E-6BLA1 Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS45VM32160E-6BLA2 ISSI-IS45VM32160E-6BLA2 Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS45VM32100D-75BLA1

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
RMS132AW EMLSI-RMS132AW Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com