Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS32800J-10TLI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS42VS32800J-10TLI
Description  32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS32800J-10TLI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS42VS32800J-10TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS32800J-10TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated Silicon Solution, Inc. - www.issi.com
Rev. B
2/5/2015
IS42VS83200J / IS42VS16160J / IS42VS32800J
PIN CONFIGURATIONS
54 pin TSOP – Type II for x16
16M x16
Pin Name
A0–A12
Row Address Input
A0–A8
Column Address Input
BA0, BA1
Bank Select Address
DQ0–DQ15
Data Input/Output
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
PIN DESCRIPTIONS
16M x16
Pin Name
WE
Write Enable
DQML / DQMH
Data Input/Output Mask
VDD
Power
VSS
Ground
VDDQ
Power Supply for I/O Pin
VSSQ
Ground for I/O Pin
NC
No Connection
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
DQML
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
DQMH
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS


Similar Part No. - IS42VS32800J-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10T ISSI-IS42VS16100C1-10T Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TI ISSI-IS42VS16100C1-10TI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TL ISSI-IS42VS16100C1-10TL Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TLI ISSI-IS42VS16100C1-10TLI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42VS32800J-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
46DR83200A ISSI-46DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com