Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45VM16200D-6BLA1 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS45VM16200D-6BLA1
Description  1M x 16Bits x 2Banks Low Power Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45VM16200D-6BLA1 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS45VM16200D-6BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS45VM16200D-6BLA1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
Rev. A | November 2015
IS42/45SM/RM/VM16200D
www.issi.com - dram@issi.com
Table4: Command Truth Table
Function
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
DQM
ADDR
A10
Note
Device Deselect (NOP)
H
X
H
X
X
X
X
X
No Operation (NOP)
H
X
L
H
H
H
X
X
Mode Register Set
H
X
L
L
L
L
X
OP CODE
4
Extended Mode Register Set
H
X
L
L
L
L
X
OP CODE
4
Active (select bank and
activate row)
H
X
L
L
H
H
X
Bank/Row
Read
H
X
L
H
L
H
L/H
Bank/Col
L
5
Read with Autoprecharge
H
X
L
H
L
H
L/H
Bank/Col
H
5
Write
H
X
L
H
L
L
L/H
Bank/Col
L
5
Write with Autoprecharge
H
X
L
H
L
L
L/H
Bank/Col
H
5
Precharge All Banks
H
X
L
L
H
L
X
X
H
Precharge Selected Bank
H
X
L
L
H
L
X
Bank
L
Burst Stop
H
H
L
H
H
L
X
X
Auto Refresh
H
H
L
L
L
H
X
X
3
Self Refresh Entry
H
L
L
L
L
H
X
X
3
Self Refresh Exit
L
H
H
X
X
X
X
X
2
L
H
H
H
Precharge Power Down Entry
H
L
H
X
X
X
X
X
L
H
H
H
Precharge Down Exit
L
H
H
X
X
X
X
X
L
H
H
H
Clock Suspend Entry
H
L
H
X
X
X
X
X
L
V
V
V
Clock Suspend Exit
L
H
X
X
X
Deep Power Down Entry
H
L
L
H
H
L
X
X
6
Deep Power Down Exit
L
H
X
X
X
Note :
1. CKEn is the logic state of CKE at clock edge n; CKEn-1 was the state of CKE at the previous clock edge.
H: High Level, L: Low Level, X: Don't Care, V: Valid
2. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high and will put the device in the all banks idle state once
tXSR is met. Command Inhibit or NOP commands should be issued on any clock edges occuring during the tXSR period. A minimum
of two NOP commands must be provided during tXSR period.
3. During refresh operation, internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
4. A0-A10 define OP CODE written to the mode register, and BA must be issued 0 in the mode register set, and 1 in the extended
mode register set.
5. DQM “L” means the data Write/Ouput Enable and “H” means the Write inhibit/Output High-Z. Write DQM Latency is 0 CLK and Read
DQM Latency is 2 CLK.
6. Standard SDRAM parts assign this command sequence as Burst Terminate. For Bat Ram parts, the Burst Terminate command is
assigned to the Deep Power Down function.


Similar Part No. - IS45VM16200D-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45VM16320D ISSI-IS45VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS45VM16800E ISSI-IS45VM16800E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
IS45VM16800H-6BLA1 ISSI-IS45VM16800H-6BLA1 Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS45VM16800H-75BLA1 ISSI-IS45VM16800H-75BLA1 Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS45VM16200D-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16400G ISSI-IS42SM16400G Datasheet
251Kb / 27P
   1M x 16Bits x 4Banks Low Power Synchronous DRAM
IS42VM16400G ISSI-IS42VM16400G Datasheet
253Kb / 27P
   1M x 16Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com