Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42SM16200D-75BLI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42SM16200D-75BLI
Description  1M x 16Bits x 2Banks Low Power Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42SM16200D-75BLI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42SM16200D-75BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42SM16200D-75BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
Rev. A | November 2015
IS42/45SM/RM/VM16200D
www.issi.com - dram@issi.com
WB
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type and is
selected via bit M3. The ordering of accesses within a burst is determined by the burst length, the burst type and the starting column
address, as shown in Table 3.
Table 3: Burst Definition
M9
Write Burst Mode
0
Burst Read and Burst Write
1
Burst Read and Single Write
M3
Burst Type
0
Sequential
1
Interleave
M6
M5
M4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
M2
M1
M0
Burst Length
M3 = 0
M3 = 1
0
0
0
1
1
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Full Page
Reserved
Burst
Length
Starting Column
Address
Order of Access Within a Burst
Sequential
Interleaved
A2
A1
A0
2
0
0-1
0-1
1
1-0
1-0
4
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
Page
n=A0-8
(Location 0-511)
Cn, Cn+1. Cn+2,
Cn+3, Cn+4…
…Cn-1, Cn...
Not Supported
Note :
1. For full-page accesses: y = 512
2. For a burst length of two, A1-A8 select the block-
of-two burst; A0 selects the starting column within the
block.
3. For a burst length of four, A2-A8 select the block-
of-four burst; A0-A1 select the starting column within
the block.
4. For a burst length of eight, A3-A8 select the
block-of-eight burst; A0-A2 select the starting column
within the block.
5. For a full-page burst, the full row is selected and A0-A8
select the starting column.
6. Whenever a boundary of the block is reached within a
given sequence above, the following access wraps
within the block.
7. For a burst length of one, A0-A8 select the unique
column to be accessed, and mode register bit M3 is
ignored.
0
CAS Latency
BT
Burst Length
Address Bus
0
1
2
3
4
5
6
10
9
8
7
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
BA
Mode Register (Mx)
0
0
0
Figure4: Mode Register Definition
Note: M11(BA) must be set to “0” to select Mode Register (vs. the Extended Mode Register)


Similar Part No. - IS42SM16200D-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
More results

Similar Description - IS42SM16200D-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16400G ISSI-IS42SM16400G Datasheet
251Kb / 27P
   1M x 16Bits x 4Banks Low Power Synchronous DRAM
IS42VM16400G ISSI-IS42VM16400G Datasheet
253Kb / 27P
   1M x 16Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com