Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS16160J Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS42VS16160J
Description  32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16160J Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS42VS16160J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS42VS16160J Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Integrated Silicon Solution, Inc. - www.issi.com
11
Rev. B
2/5/2015
IS42VS83200J / IS42VS16160J / IS42VS32800J
Symbol
Parameter
Test Condition
–75
–10
Unit
Idd1(1)
Operating Current
One Bank Active, CL = 3, BL = 2,
tclK = tCLK(min), tRC = tRC(min)
70
55
mA
Idd2p(3)
Precharge Standby Current
(In Power-Down Mode)
CKE
≤ Vil (max), tCK = 15ns
CS
≥ Vdd - 0.2V
3
3
mA
Idd2ps(3)
Precharge Standby Current
With Clock Stop
(In Power-Down Mode)
CKE
≤ Vil (max), CLK ≤ Vil (max)
CS
≥ Vdd - 0.2V
3
3
mA
Idd2n(2)
Precharge Standby Current
(In Non Power-Down Mode)
CS
≥ Vdd - 0.2V, CKE ≥ Vih (min)
tCK = 15 ns
22
22
mA
Idd2ns
Precharge Standby Current
With Clock Stop
(In Non-Power Down Mode)
CS
≥ Vdd - 0.2V, CKE ≥ Vih (min)
All Inputs Stable
10
10
mA
Idd3p(2)
Active Standby Current
(In Power-Down Mode)
CKE
≤ Vil (max), CS ≥ Vdd - 0.2V
tCK = 15 ns, All Banks Active
7
7
mA
Idd3ps
Active Standby Current
With Clock Stop
(In Power-Down Mode)
CKE
≤ Vil (max), CLK ≤ Vil (max)
CS
≥ Vdd - 0.2V, All Banks Active
7
7
mA
Idd3n(2)
Active Standby Current
(In Non Power-Down Mode)
CS
≥ Vdd - 0.2V, CKE ≥ Vih (min)
tCK = 15 ns, All Banks Active
30
30
mA
Idd3ns
Active Standby Current
With Clock Stop
(In Non Power-Down Mode)
CS
≥ Vdd - 0.2V, CKE ≥ Vih (min)
All Inputs Stable, All Banks Active
15
15
mA
Idd4
Operating Current
All Banks Active, BL = Full, CL = 3
tCK = tCK(min)
100
75
mA
Idd5
Auto-Refresh Current
tRC = tRC(min), tCLK = tCLK(min)
110
80
mA
Idd6
Self-Refresh Current
CKE
≤ 0.2V
3
3
mA
DC ELECTRICAL CHARACTERISTICS VDD = 1.8V
Notes:
1. Idd (max) is specified at the output open condition.
2. Input signals are changed one time during 30ns.
3. Tested after 500ms delay


Similar Part No. - IS42VS16160J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16160D ISSI-IS42VS16160D Datasheet
1,005Kb / 61P
   Random column address every clock cycle
More results

Similar Description - IS42VS16160J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
46DR83200A ISSI-46DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com