Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040BRKMT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040BRKMT
Description  USB 3.0 Four Port Hub
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040BRKMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB8040BRKMT Datasheet HTML 2Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 3Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 4Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 5Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 6Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 7Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 8Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 9Page - Texas Instruments TUSB8040BRKMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
USB 3.0 Host Controller
USB 2.0
Device
USB 3.0
Device
TUSB8040
USB 3.0
Hub
USB 2.0 Hub
USB 3.0
Device
USB 2.0
Device
USB 2.0 Connection
USB 3.0 Connection
USB 2.0/3.0 Device
USB 3.0 Device
USB 2.0 Device
USB 3.0 System Implementation
USB 1.x Device
USB 2.0
Device
USB 3.0
Device
USB 1.1
Device
USB 1.1
Device
USB 1.x Connection
Not Recommended for New Designs
TUSB8040
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
www.ti.com
1.2
Introduction
The TUSB8040 is USB 3.0 compliant hub available in an 80-pin QFP package. The device is designed for
operation over the commercial temperature range of 0°C to 70°C.
The TUSB8040 provides simultaneous SuperSpeed and high-speed/full-speed connections on the
upstream port and provides SuperSpeed, high-speed, full-speed, or low-speed connections on the
downstream ports. When the upstream port is connected to an electrical environment that only supports
high-speed or full-speed/low-speed connections, SuperSpeed connectivity is disabled on the downstream
ports. When the upstream port is connected to an electrical environment that only supports full-speed/low-
speed connections, SuperSpeed and high-speed connectivity are disabled on the downstream ports.
The TUSB8040 supports up to four downstream ports. It may be configured to report one to four
downstream ports by pin selection or an attached EEPROM or SMBus controller. The configuration
options provide the ability to scale the device by application.
A typical system view of the TUSB8040 is shown in Figure 1-1.
Figure 1-1. Typical Application
6
PRODUCT OVERVIEW
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8040


Similar Part No. - TUSB8040BRKMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040 TI-TUSB8040 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040 TI-TUSB8040 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
More results

Similar Description - TUSB8040BRKMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com