Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TUSB8040 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TUSB8040
Description  USB 3.0 Four Port Hub
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB8040_15 Datasheet HTML 1Page - Texas Instruments TUSB8040_15 Datasheet HTML 2Page - Texas Instruments TUSB8040_15 Datasheet HTML 3Page - Texas Instruments TUSB8040_15 Datasheet HTML 4Page - Texas Instruments TUSB8040_15 Datasheet HTML 5Page - Texas Instruments TUSB8040_15 Datasheet HTML 6Page - Texas Instruments TUSB8040_15 Datasheet HTML 7Page - Texas Instruments TUSB8040_15 Datasheet HTML 8Page - Texas Instruments TUSB8040_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
USB 3.0 Four Port Hub
Check for Samples: TUSB8040
1
PRODUCT OVERVIEW
1.1
Features
1
• USB 3.0 Compliant Four Port Hub, TID# 330000003
– Upstream Port Supports SuperSpeed, High-Speed and Full-Speed Connections
– Each of the Four Downstream Ports Support SuperSpeed, High-Speed, Full-Speed/Low-Speed
Connections
• USB 2.0 Hub Features
– Multi Transaction Translator (MTT) Hub: Four Transaction Translators, One Per Port
– Four (Over USB Required Minimum of Two) Asynchronous Endpoint Buffers Per Transaction
Translator for Better Throughput
• Supports Charging Downstream Port (CDP) Applications
– Battery Charging 1.2 Compliant
• Supports Operation as a USB 3.0 or USB 2.0 Compound Device
• Supports Per Port or Ganged Power Switching and Over-Current Protection
• Provides the following status outputs:
– High-Speed Upstream Connection
– High-Speed Upstream Port Suspended
– SuperSpeed Upstream Connection
– SuperSpeed Upstream Port Suspended
• Optional Serial EEPROM or SMBus Slave Interface for Custom Configurations:
– VID/PID
– Manufacturer and Product Strings
– Serial Number
• Using Pin Selection or the EEPROM/SMBus Slave Interface, Each Downstream Port Can Be
Independently:
– Enabled or Disabled
– Marked as Removable or Permanently Attached (for Compound Applications)
– Have Battery Charging Enabled or Disabled
• Provides 128-Bit Universally Unique Identifier (UUID)
• Optionally Supports USB 2.0 Compliant Port Indicator LEDs
• Configurable SMBus Address to Support Multiple Devices on the Same SMBus Segment
• Supports On-Board and In-System EEPROM Programming Via the USB 2.0 Upstream Port
• Single Clock Input, 24-MHz Crystal or Oscillator
• No Special Driver Requirements; Works Seamlessly With Any Operating System With USB Stack
Support
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2010–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TUSB8040_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040A1RKMR TI1-TUSB8040A1RKMR Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
More results

Similar Description - TUSB8040_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
Beckhoff Automation GmbH & Co. KG
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz