Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42SM32400G-75BLI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS42SM32400G-75BLI
Description  1M x 32Bits x 4Banks Mobile Synchronous DRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42SM32400G-75BLI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS42SM32400G-75BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42SM32400G-75BLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
IS42/45SM/RM/VM32400G
Rev. A | Apr. 2012
www.issi.com - DRAM@issi.com
CAS Latency
The CAS latency is the delay, in clock cycles, between the registration of a READ command and the availability of the first piece of
output data. The latency can be set to two or three clocks. If a READ command is registered at clock edge n, and the latency is
m
clocks, the data will be available by clock edge
n + m. The DQs will start driving as a result of the clock edge one cycle earlier (n + m -
1), and provided that the relevant access times are met, the data will be valid by clock edge
n + m. For example, assuming that the
clock cycle time is such that all relevant access times are met, if a READ command is registered at T0 and the latency is programmed to
two clocks, the DQs will start driving after T1 and the data will be valid by T2, as shown in Figure 6. Reserved states should not be used
as unknown operation or incompatibility with future versions may result.
Operating Mode
The normal operating mode is selected by setting M7 and M8 to zero; the other combinations of values for M7 and M8 are reserved
for future use and/or test modes. The programmed burst length applies to both READ and WRITE bursts. Test modes and reserved
states should not be used because unknown operation or incompatibility with future versions may result.
Write Burst Mode
When M9 = 0, the burst length programmed via M0-M2 applies to both READ and WRITE bursts; when M9 = 1, the programmed
burst length applies to READ bursts, but write accesses are single-location (nonburst) accesses.
CLK
COMMAND
DQ
NOP
NOP
Dout
T0
T1
T2
tLZ
tOH
tAC
CAS Latency=2
T3
READ
CLK
COMMAND
DQ
NOP
NOP
Dout
T0
T1
T2
tLZ
tOH
tAC
CAS Latency=3
T3
NOP
T4
READ
DON’T CARE
UNDEFINED
Figure6: CAS Latency


Similar Part No. - IS42SM32400G-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM32400F ISSI-IS42SM32400F Datasheet
451Kb / 27P
   Auto refresh and self refresh
IS42SM32400F-75BLI ISSI-IS42SM32400F-75BLI Datasheet
451Kb / 27P
   Auto refresh and self refresh
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-75BI ISSI-IS42SM32400H-75BI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-75BLI ISSI-IS42SM32400H-75BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42SM32400G-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5V52F HYNIX-HY5V52F Datasheet
336Kb / 13P
   4Banks x 2M x 32bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com