Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8020BPHP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHP
Description  Two-Port USB 3.0 Hub
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020BPHP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB8020BPHP Datasheet HTML 3Page - Texas Instruments TUSB8020BPHP Datasheet HTML 4Page - Texas Instruments TUSB8020BPHP Datasheet HTML 5Page - Texas Instruments TUSB8020BPHP Datasheet HTML 6Page - Texas Instruments TUSB8020BPHP Datasheet HTML 7Page - Texas Instruments TUSB8020BPHP Datasheet HTML 8Page - Texas Instruments TUSB8020BPHP Datasheet HTML 9Page - Texas Instruments TUSB8020BPHP Datasheet HTML 10Page - Texas Instruments TUSB8020BPHP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TUSB8020B
www.ti.com
SLLSEF6A – JULY 2014 – REVISED JULY 2014
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VDD
Steady-state supply voltage
–0.3
1.4
V
VDD33
Steady-state supply voltage
–0.3
3.8
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–2000
2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
–500
500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD(1)
1.1-V supply voltage
0.99
1.1
1.26
V
VDD33
3.3-V supply voltage
3
3.3
3.6
V
USB_VBUS
Voltage at USB_VBUS PAD
0
1.155
V
TUSB8020B
0
25
70
TA
Operating free-air temperature range
°C
TUSB8020BI
–40
25
85
TJ
Operating junction temperature range
–40
25
105
°C
(1)
A 1.05-V, 1.1-V, or 1.2-V supply may be used as long as minimum and maximum supply conditions are met.
7.4 Thermal Information
TUSB8020B
THERMAL METRIC(1)
PHP
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance(2)
31.8
RθJC(top)
Junction-to-case (top) thermal resistance(3)
16.1
RθJB
Junction-to-board thermal resistance(4)
13
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.5
ψJB
Junction-to-board characterization parameter(6)
12.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance(7)
0.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TUSB8020B


Similar Part No. - TUSB8020BPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8020B-Q1 TI1-TUSB8020B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive Two-Port USB 3.0 Hub
TUSB8020BIPHPQ1 TI1-TUSB8020BIPHPQ1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive Two-Port USB 3.0 Hub
TUSB8020BIPHPRQ1 TI1-TUSB8020BIPHPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive Two-Port USB 3.0 Hub
More results

Similar Description - TUSB8020BPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8020B-Q1 TI1-TUSB8020B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive Two-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI_16 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com