Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4816DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI4816DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4816DY Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si4816DY
Vishay Siliconix
Document Number: 71121
S-41697—Rev. E, 20-Sep-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL-1
0.000
0.006
0.012
0.018
0.024
0.030
0
8
16
24
32
40
On-Resistance vs. Drain Current
ID -- Drain Current (A)
VGS =4.5 V
VGS =10 V
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
200
400
600
800
1000
0
6
12
18
24
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
--50
--25
0
25
50
75
100
125
150
0
6
12
18
24
30
0
2468
10
0
2
4
6
8
10
0
3
6
9
12
15
VGS = 10thru4V
TC = 125_C
--55_C
VDS -- Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS =15 V
ID =6.3 A
VGS =10 V
ID =6.3 A
3V
25_C
Output Characteristics
Transfer Characteristics
Gate Charge
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
Qg -- Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ -- Junction Temperature (_C)
1V
2V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn