Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4427DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI4427DY
Description  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4427DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4427DY Datasheet HTML 1Page - Vishay Siliconix SI4427DY Datasheet HTML 2Page - Vishay Siliconix SI4427DY Datasheet HTML 3Page - Vishay Siliconix SI4427DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si4427DY
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71308
S-01828—Rev. A, 21-Aug-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
30
50
10
29
Single Pulse Power, Junction-to-Ambient
Time (sec)
40
10–3
10–2
1
10
600
10–1
10–4
100
–0.4
–0.2
0.0
0.2
0.4
0.6
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ – Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 68_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10–3
10–2
110
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
1
600
100
10–1
10–2
10


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
AF9435P P-Channel 30-V D-S MOSFET 1  2  3  4  5  Anachip Corp
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI2303ADS P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
AF4409P P-Channel 30-V D-S MOSFET 1  2  3  Anachip Corp
SI4825DY P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SUB75P03-07 P-Channel 30-V D-S 175C MOSFET 1  2  3  4  5  Vishay Siliconix
SI7483ADP P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn