Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4427DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4427DY
Description  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4427DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4427DY Datasheet HTML 1Page - Vishay Siliconix SI4427DY Datasheet HTML 2Page - Vishay Siliconix SI4427DY Datasheet HTML 3Page - Vishay Siliconix SI4427DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si4427DY
Vishay Siliconix
New Product
Document Number: 71308
S-01828—Rev. A, 21-Aug-00
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.0105 @ VGS = –10 V
–13.3
–30
0.0125 @ VGS = –4.5 V
–12.2
0.0195 @ VGS = –2.5 V
–9.8
SD
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
SS S
G
D
D
D
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
–30
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
–13.3
–9.4
A
Continuous Drain Current (TJ = 150 C)a
TA = 70_C
ID
–10.7
–7.5
A
Pulsed Drain Current
IDM
–50
A
continuous Source Current (Diode Conduction)a
IS
–2.5
–1.3
Maximum Power Dissipationa
TA = 25_C
PD
3.0
1.5
W
Maximum Power Dissipationa
TA = 70_C
PD
1.9
0.9
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
v 10 sec
RthJA
32
42
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
68
85
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
18
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
AF9435P P-Channel 30-V D-S MOSFET 1  2  3  4  5  Anachip Corp
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI2303ADS P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
AF4409P P-Channel 30-V D-S MOSFET 1  2  3  Anachip Corp
SI4825DY P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SUB75P03-07 P-Channel 30-V D-S 175C MOSFET 1  2  3  4  5  Vishay Siliconix
SI7483ADP P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn