Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2303BDS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI2303BDS
Description  P-Channel, 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2303BDS Datasheet(HTML) 5 Page - Vishay Siliconix

  SI2303BDS Datasheet HTML 1Page - Vishay Siliconix SI2303BDS Datasheet HTML 2Page - Vishay Siliconix SI2303BDS Datasheet HTML 3Page - Vishay Siliconix SI2303BDS Datasheet HTML 4Page - Vishay Siliconix SI2303BDS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Si2303BDS
Vishay Siliconix
New Product
Document Number: 72065
S-21980—Rev. A, 04-Nov-02
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
10
600
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100


Similar Part No. - SI2303BDS

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SI2303BDS SUMIDA-SI2303BDS Datasheet
115Kb / 6P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
SI2303BDS KEXIN-SI2303BDS Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2303BDS-3 KEXIN-SI2303BDS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2303BDS-HF KEXIN-SI2303BDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2303BDS-HF-3 KEXIN-SI2303BDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Similar Description - SI2303BDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com