Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000BEF8 Datasheet(PDF) 8 Page - Cree, Inc

Part # XTEAWT-00-0000-00000BEF8
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000BEF8 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XTEAWT-00-0000-00000BEF8 Datasheet HTML 4Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 9Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 10Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 11Page - Cree, Inc XTEAWT-00-0000-00000BEF8 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
e4
4500 K
S3
156
171
XTEAWT-00-0000-
000000KE4
XTEAWT-00-0000-
00000BKE4
S2
148
163
XTEAWT-00-0000-
000000JE4
XTEAWT-00-0000-
00000BJE4
XTEAWT-00-0000-
00000LJE4
R5
139
153
XTEAWT-00-0000-
000000HE4
XTEAWT-00-0000-
00000BHE4
XTEAWT-00-0000-
00000LHE4
XTEAWT-00-0000-
00000HHE4
R4
130
143
XTEAWT-00-0000-
000000GE4
XTEAWT-00-0000-
00000BGE4
XTEAWT-00-0000-
00000LGE4
XTEAWT-00-0000-
00000HGE4
R3
122
134
XTEAWT-00-0000-
000000FE4
XTEAWT-00-0000-
00000BFE4
XTEAWT-00-0000-
00000LFE4
XTEAWT-00-0000-
00000HFE4
R2
114
125
XTEAWT-00-0000-
000000EE4
XTEAWT-00-0000-
00000BEE4
XTEAWT-00-0000-
00000LEE4
XTEAWT-00-0000-
00000HEE4
Q5
107
118
XTEAWT-00-0000-
00000LDE4
XTEAWT-00-0000-
00000HDE4
XTEAWT-00-0000-
00000PDE4
XTEAWT-00-0000-
00000UDE4
Q4
100
110
XTEAWT-00-0000-
00000PCE4
XTEAWT-00-0000-
00000UCE4
Q3
93.9
103
XTEAWT-00-0000-
00000PBE4
XTEAWT-00-0000-
00000UBE4
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAE4
XTEAWT-00-0000-
00000UAE4
D2
4500 K
S3
156
171
XTEAWT-00-0000-
000000KD2
XTEAWT-00-0000-
00000BKD2
S2
148
163
XTEAWT-00-0000-
000000JD2
XTEAWT-00-0000-
00000BJD2
R5
139
153
XTEAWT-00-0000-
000000HD2
XTEAWT-00-0000-
00000BHD2
XTEAWT-00-0000-
00000LHD2
R4
130
143
XTEAWT-00-0000-
000000GD2
XTEAWT-00-0000-
00000BGD2
XTEAWT-00-0000-
00000LGD2
R3
122
134
XTEAWT-00-0000-
000000FD2
XTEAWT-00-0000-
00000BFD2
XTEAWT-00-0000-
00000LFD2
R2
114
125
XTEAWT-00-0000-
000000ED2
XTEAWT-00-0000-
00000BED2
XTEAWT-00-0000-
00000LED2
Q5
107
118
XTEAWT-00-0000-
00000LDD2
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000BEF8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000BEF5 CREE-XTEAWT-00-0000-00000BEF5 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000BEF8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com