Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000PBF7 Datasheet(PDF) 6 Page - Cree, Inc

Part # XTEAWT-00-0000-00000PBF7
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000PBF7 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XTEAWT-00-0000-00000PBF7 Datasheet HTML 2Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 3Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 4Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 9Page - Cree, Inc XTEAWT-00-0000-00000PBF7 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
E3
5000 K
S3
156
171
XTEAWT-00-0000-
000000KE3
XTEAWT-00-0000-
00000BKE3
S2
148
163
XTEAWT-00-0000-
000000JE3
XTEAWT-00-0000-
00000BJE3
XTEAWT-00-0000-
00000LJE3
R5
139
153
XTEAWT-00-0000-
000000HE3
XTEAWT-00-0000-
00000BHE3
XTEAWT-00-0000-
00000LHE3
XTEAWT-00-0000-
00000HHE3
R4
130
143
XTEAWT-00-0000-
000000GE3
XTEAWT-00-0000-
00000BGE3
XTEAWT-00-0000-
00000LGE3
XTEAWT-00-0000-
00000HGE3
R3
122
134
XTEAWT-00-0000-
000000FE3
XTEAWT-00-0000-
00000BFE3
XTEAWT-00-0000-
00000LFE3
XTEAWT-00-0000-
00000HFE3
R2
114
125
XTEAWT-00-0000-
000000EE3
XTEAWT-00-0000-
00000BEE3
XTEAWT-00-0000-
00000LEE3
XTEAWT-00-0000-
00000HEE3
Q5
107
118
XTEAWT-00-0000-
00000HDE3
XTEAWT-00-0000-
00000PDE3
XTEAWT-00-0000-
00000UDE3
Q4
100
110
XTEAWT-00-0000-
00000PCE3
XTEAWT-00-0000-
00000UCE3
Q3
93.9
103
XTEAWT-00-0000-
00000PBE3
XTEAWT-00-0000-
00000UBE3
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAE3
XTEAWT-00-0000-
00000UAE3
C1
5000 K
S3
156
171
XTEAWT-00-0000-
000000KC1
XTEAWT-00-0000-
00000BKC1
S2
148
163
XTEAWT-00-0000-
000000JC1
XTEAWT-00-0000-
00000BJC1
XTEAWT-00-0000-
00000LJC1
R5
139
153
XTEAWT-00-0000-
000000HC1
XTEAWT-00-0000-
00000BHC1
XTEAWT-00-0000-
00000LHC1
R4
130
143
XTEAWT-00-0000-
000000GC1
XTEAWT-00-0000-
00000BGC1
XTEAWT-00-0000-
00000LGC1
R3
122
134
XTEAWT-00-0000-
000000FC1
XTEAWT-00-0000-
00000BFC1
XTEAWT-00-0000-
00000LFC1
R2
114
125
XTEAWT-00-0000-
000000EC1
XTEAWT-00-0000-
00000BEC1
XTEAWT-00-0000-
00000LEC1
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000PBF7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000P8E7 CREE-XTEAWT-00-0000-00000P8E7 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XTEAWT-00-0000-00000P9E7 CREE-XTEAWT-00-0000-00000P9E7 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XTEAWT-00-0000-00000PAE7 CREE-XTEAWT-00-0000-00000PAE7 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000PBF7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com