Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBO-3-S9 Datasheet(PDF) 2 Page - CUI INC

Part # PBO-3-S9
Description  AC-DC POWER SUPPLY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-3-S9 Datasheet(HTML) 2 Page - CUI INC

  PBO-3-S9 Datasheet HTML 1Page - CUI INC PBO-3-S9 Datasheet HTML 2Page - CUI INC PBO-3-S9 Datasheet HTML 3Page - CUI INC PBO-3-S9 Datasheet HTML 4Page - CUI INC PBO-3-S9 Datasheet HTML 5Page - CUI INC PBO-3-S9 Datasheet HTML 6Page - CUI INC PBO-3-S9 Datasheet HTML 7Page - CUI INC PBO-3-S9 Datasheet HTML 8Page - CUI INC PBO-3-S9 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 10/18/2016
│ page 2 of 9
CUI Inc
│ SERIES: PBO-3 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
70
264
400
Vac
Vdc
frequency
47
440
Hz
current
at 115 Vac
at 230 Vac
0.12
0.06
A
A
inrushcurrent
at 115 Vac
at 230 Vac
13
23
A
A
leakagecurrent
CY0is1nF/400Vac
0.25
mA
noloadpowerconsumption
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitiveload
3.3, 5 Vdc output models
9 Vdc output models
allothermodels
470
150
100
µF
µF
µF
initialsetpointaccuracy
3.3 Vdc output models
allothermodels
±8
±5
%
%
lineregulation
at full load
±1.5
%
loadregulation
from10~100%load
±2.5
%
hold-up time
at 115 Vac
at 230 Vac
20
80
ms
ms
switchingfrequency
60
kHz
temperaturecoefficient
±0.15
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overcurrentprotection
autorecovery
110
%
shortcircuitprotection
continuous,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
inputtooutputfor1minute
3,000
Vac
safetyapprovals
UL60950-1,EN60950-1
safetyclass
classII
conducted emissions
CISPR22/EN55022ClassA,(externalcircuitrequired,seefigure1)
CISPR22/EN55022ClassB,(externalcircuitrequired,seefigure2)
radiatedemissions
CISPR22/EN55022ClassA,(externalcircuitrequired,seefigure1)
CISPR22/EN55022ClassB,(externalcircuitrequired,seefigure2)
ESD
IEC/EN61000-4-2ClassB,±4kV
radiatedimmunity
IEC/EN61000-4-3ClassA,10V/m(externalcircuitrequired,seefigure2)
EFT/burst
IEC/EN61000-4-4ClassB,±2kV(externalcircuitrequired,seefigure1)
IEC/EN61000-4-4ClassB,±4kV(externalcircuitrequired,seefigure2)
surge
IEC/EN61000-4-5ClassB,±1kV(externalcircuitrequired,seefigure1)
IEC/EN61000-4-5ClassB,±1kV/±2kV(externalcircuitrequired,seefigure2)
conductedimmunity
IEC/EN61000-4-6ClassA,10Vr.m.s(externalcircuitrequired,seefigure2)
Notes:
1.Thepowersupplyisconsideredacomponentwhichwillbeinstalledintofinalequipment.ThefinalequipmentstillmustbetestedtomeetthenecessaryEMCdirectives.
For more information, please visit the product page.


Similar Part No. - PBO-3-S9

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-3-S9 CUI-PBO-3-S9 Datasheet
3Mb / 13P
   AC-DC POWER SUPPLY
03/10/2022
More results

Similar Description - PBO-3-S9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com