Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNS653-ME Datasheet(PDF) 8 Page - Artesyn Technologies

Part # CNS653-ME
Description  650 Watt AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS653-ME Datasheet(HTML) 8 Page - Artesyn Technologies

  CNS653-ME Datasheet HTML 1Page - Artesyn Technologies CNS653-ME Datasheet HTML 2Page - Artesyn Technologies CNS653-ME Datasheet HTML 3Page - Artesyn Technologies CNS653-ME Datasheet HTML 4Page - Artesyn Technologies CNS653-ME Datasheet HTML 5Page - Artesyn Technologies CNS653-ME Datasheet HTML 6Page - Artesyn Technologies CNS653-ME Datasheet HTML 7Page - Artesyn Technologies CNS653-ME Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CNS650-M Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
CNS650-M Series DS 24Aug2016
Accessories
Orderable Part Number
Description
Description
73-788-001
J304 (20 Pin) Mating Connector with
0.3m wires attached
PIN 20
PIN 2
PIN 19
PIN 1
PIN 3
300 ± 5 mm
CNS-BBAR-KIT
Output Bussbar Extension Kit for Vertical
Wire Interface
73-769-002
USB to I2C Adaptor for PMBus
Communication


Similar Part No. - CNS653-ME

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CNS653-ME5 ARTESYN-CNS653-ME5 Datasheet
1Mb / 8P
   Type BF ready
More results

Similar Description - CNS653-ME

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
   Watt AC/DC Switching Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
   250 Watt AC-DC Power Supplies
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
   650 WATT MEDICAL POWER SUPPLIES
logo
Wall Industries,Inc.
PSAIC WALL-PSAIC Datasheet
413Kb / 4P
   3 Watt AC/DC Switching Power Supplies
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
   15 Watt AC/DC Switching Power Supplies
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
   15 Watt AC/DC Switching Power Supplies
PSAYC WALL-PSAYC_18 Datasheet
340Kb / 6P
   2 Watt AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC_18 Datasheet
211Kb / 3P
   2 Watt AC/DC PCB Mount Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
logo
Tumbler Technologies + ...
TOP100-12 TRUMPOWER-TOP100-12 Datasheet
124Kb / 2P
   60-96 WATT AC/DC SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com