Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG104GA-2.7 Datasheet(PDF) 11 Page - Texas Instruments

Part # REG104GA-2.7
Description  DMOS 1A Low-Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104GA-2.7 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REG104GA-2.7 Datasheet HTML 7Page - Texas Instruments REG104GA-2.7 Datasheet HTML 8Page - Texas Instruments REG104GA-2.7 Datasheet HTML 9Page - Texas Instruments REG104GA-2.7 Datasheet HTML 10Page - Texas Instruments REG104GA-2.7 Datasheet HTML 11Page - Texas Instruments REG104GA-2.7 Datasheet HTML 12Page - Texas Instruments REG104GA-2.7 Datasheet HTML 13Page - Texas Instruments REG104GA-2.7 Datasheet HTML 14Page - Texas Instruments REG104GA-2.7 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
REG104
11
SBVS025G
FIGURE 9. Maximum Power Dissipation versus Ambient
Temperature for the Various Packages and
PCB Heat Sink Configurations.
POWER DISSIPATION
The REG104 is available in two different package configura-
tions. The ability to remove heat from the die is different for
each package type and, therefore, presents different consid-
erations in the printed circuit board (PCB) layout. The PCB
area around the device that is free of other components
moves the heat from the device to the ambient air. While it
is difficult to impossible to quantify all of the variables in a
thermal design of this type, performance data for several
configurations are shown in Figure 9. In all cases the PCB
copper area is bare copper, free of solder resist mask, and
not solder plated. All examples are for 1-ounce copper. Using
heavier copper will increase the effectiveness in moving the
heat from the device. In those examples where there is
copper on both sides of the PCB, no connection has been
provided between the two sides. The addition of plated
through holes will improve the heat sink effectiveness.
Power dissipation depends on input voltage and load condi-
tions. Power dissipation is equal to the product of the aver-
age output current times the voltage across the output
element, VIN to VOUT voltage drop.
PV
V
I
DIN
OUT
OUT AVG
=•
(
)
()
Power dissipation can be minimized by using the lowest
possible input voltage necessary to assure the required
output voltage.
5
4
3
2
1
0
0
25
50
75
125
100
Ambient Temperature (
°C)
CONDITIONS
#1
#2
#3
#4
CONDITION
PACKAGE
PCB AREA
θ
JA
1
DDPAK
4in2 Top Side Only
27
°C/W
2
SOT-223
4in2 Top Side Only
53
°C/W
3
DDPAK
None
65
°C/W
4
SOT-223
0.5in2 Top Side Only
110
°C/W


Similar Part No. - REG104GA-2.7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG104GA-2.7 BURR-BROWN-REG104GA-2.7 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
REG104GA-2.7G4 BURR-BROWN-REG104GA-2.7G4 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
More results

Similar Description - REG104GA-2.7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
REG113 TI-REG113_08 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com