Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000HEF6 Datasheet(PDF) 1 Page - Cree, Inc

Part # XTEAWT-00-0000-00000HEF6
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000HEF6 Datasheet(HTML) 1 Page - Cree, Inc

  XTEAWT-00-0000-00000HEF6 Datasheet HTML 1Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 2Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 3Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 4Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000HEF6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Product family data sheet
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XT-E LEDs
XT-E White
XT-E Royal Blue
LeD pictures and labels underneath are in a table
PRoDuCT DEsCRiPTion
Optimized for directional, high-lumen applications, from
indoor and outdoor to portable and lamp retrofits, the XLamp®
XT-E LED delivers high performance and high reliability in the
industry-standard XP/XT footprint. The XT-E LED offers the
benefits of the XT/XP platform — compact and proven 3.45 mm x
3.45 mm package and established ecosystem — enabling lighting
manufacturers to simplify the design process and shorten time
to market.
The XT-E LED is available in royal blue and white. The XT-E White
LED offers a high-efficacy option. In this document, the term
White denotes the white XT-E LED without regard to its efficacy.
The terms Standard and High Efficacy are used when necessary
to differentiate the performace of the High Efficacy XT-E LED
from the XT-E LED without the high-efficacy option.
FEATuREs
• Maximum Vf for High Efficacy XT-E White: 2.85 V
• Available in 70-, 80- and 90-CRI minimum white
• Binned at 85 °C
• Available in 2200 K CCT
• Thermal resistance: 5 °C/W
• Wide viewing angle: 115°-140°
• Maximum drive current: White 1.5 A, Royal Blue 1.0 A
• Electrically neutral thermal path
• Vf binning supported for XT-E White and Royal Blue
• XT-E Royal Blue sorted into 2.5-nm wavelength bins
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C compatible
• RoHS and REACh compliant
• UL® recognized component (E349212)
noTE: For remote phosphor applications, a separate license to certain Cree patents is required.


Similar Part No. - XTEAWT-00-0000-00000HEF6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000HEF4 CREE-XTEAWT-00-0000-00000HEF4 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000HEF6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com