Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551CTF0062C13 Datasheet(PDF) 1 Page - ETRI

Part # 551CTF0062C13
Description  400 Hz Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

551CTF0062C13 Datasheet(HTML) 1 Page - ETRI

  551CTF0062C13 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016-2
L-10 LIFE AT 40°C :
25000 hours
Additional versions:
Salt spray protected - Shock & Vibration protected
Air specifications - Wide temperature range
Life expectancy
Approvals
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Input power
Phases
Capacitor
(not included)
551CTF0062C13
115
17
36
82
23000
3
120
800
4700
-10
70
115
17
36
82
23000
1
3,2
130
1150
3900
-10
70
551CTF0060C13
200
17
36
82
23000
3
120
465
2700
-10
70
200
17
36
82
23000
1
1
130
665
2250
-10
70
V
l/s
Cfm
dB(A)
RPM
F
W
mA
mA
Min.°C
Max.°C
µ
Nominal
Current
Starting
Current
Operating temperature
Airflow: l/s
Airflow: CFM
551CTF
92 x 102 x 98,5 mm
400 Hz Motor
Housing material: aluminium
Impeller material: plastic
Weight: 140 g
Bearing system: ball bearings
Connection: flying leads
Part Number
Nominal
voltage
Nominal
speed
Noise
level
Airflow
NATO codification (not on all part
numbers, please consult the factory
for more detailed information)
400 Hz Fans
3,622’’ x
’’
4,015’’ x 3,878
551CTF


Similar Part No. - 551CTF0062C13

ManufacturerPart #DatasheetDescription
logo
ETRI
551CTF0062C13 ETRI-551CTF0062C13 Datasheet
504Kb / 1P
   400Hz Fans
More results

Similar Description - 551CTF0062C13

ManufacturerPart #DatasheetDescription
logo
ETRI
106ZA0562C13 ETRI-106ZA0562C13 Datasheet
178Kb / 1P
   400 Hz Fans
85MF0160C13 ETRI-85MF0160C13 Datasheet
172Kb / 1P
   400 Hz Fans
98XE0162001 ETRI-98XE0162001_12 Datasheet
226Kb / 1P
   400 Hz Fans
85MF0160C13 ETRI-85MF0160C13_12 Datasheet
233Kb / 1P
   400 Hz Fans
61BE0162C13 ETRI-61BE0162C13 Datasheet
170Kb / 1P
   400 Hz Fans
125XT0162301 ETRI-125XT0162301_12 Datasheet
244Kb / 1P
   400 Hz Fans
112BC0162C13 ETRI-112BC0162C13_12 Datasheet
223Kb / 1P
   400 Hz Fans
110VU0162001 ETRI-110VU0162001_12 Datasheet
229Kb / 1P
   400 Hz Fans
86ME0162C13 ETRI-86ME0162C13_12 Datasheet
236Kb / 1P
   400 Hz Fans
80TV0562C13 ETRI-80TV0562C13_12 Datasheet
238Kb / 1P
   400 Hz Fans
106ZA0562C13 ETRI-106ZA0562C13_12 Datasheet
241Kb / 1P
   400 Hz Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com