Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000LCE5 Datasheet(PDF) 10 Page - Cree, Inc

Part # XTEAWT-00-0000-00000LCE5
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000LCE5 Datasheet(HTML) 10 Page - Cree, Inc

Back Button XTEAWT-00-0000-00000LCE5 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 9Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 10Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 11Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 12Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 13Page - Cree, Inc XTEAWT-00-0000-00000LCE5 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F5
4250 K
S3
156
171
XTEAWT-00-0000-
000000KF5
S2
148
163
XTEAWT-00-0000-
000000JF5
XTEAWT-00-0000-
00000BJF5
R5
139
153
XTEAWT-00-0000-
000000HF5
XTEAWT-00-0000-
00000BHF5
XTEAWT-00-0000-
00000LHF5
R4
130
143
XTEAWT-00-0000-
000000GF5
XTEAWT-00-0000-
00000BGF5
XTEAWT-00-0000-
00000LGF5
XTEAWT-00-0000-
00000HGF5
R3
122
134
XTEAWT-00-0000-
000000FF5
XTEAWT-00-0000-
00000BFF5
XTEAWT-00-0000-
00000LFF5
XTEAWT-00-0000-
00000HFF5
R2
114
125
XTEAWT-00-0000-
000000EF5
XTEAWT-00-0000-
00000BEF5
XTEAWT-00-0000-
00000LEF5
XTEAWT-00-0000-
00000HEF5
Q5
107
118
XTEAWT-00-0000-
000000DF5
XTEAWT-00-0000-
00000BDF5
XTEAWT-00-0000-
00000LDF5
XTEAWT-00-0000-
00000HDF5
Q4
100
110
XTEAWT-00-0000-
00000LCF5
XTEAWT-00-0000-
00000HCF5
XTEAWT-00-0000-
00000PCF5
XTEAWT-00-0000-
00000UCF5
Q3
93.9
103
XTEAWT-00-0000-
00000PBF5
XTEAWT-00-0000-
00000UBF5
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAF5
XTEAWT-00-0000-
00000UAF5
P4
80.6
88.6
XTEAWT-00-0000-
00000P9F5
XTEAWT-00-0000-
00000U9F5
E5
4000 K
S3
156
171
XTEAWT-00-0000-
000000KE5
S2
148
163
XTEAWT-00-0000-
000000JE5
XTEAWT-00-0000-
00000BJE5
R5
139
153
XTEAWT-00-0000-
000000HE5
XTEAWT-00-0000-
00000BHE5
XTEAWT-00-0000-
00000LHE5
R4
130
143
XTEAWT-00-0000-
000000GE5
XTEAWT-00-0000-
00000BGE5
XTEAWT-00-0000-
00000LGE5
XTEAWT-00-0000-
00000HGE5
R3
122
134
XTEAWT-00-0000-
000000FE5
XTEAWT-00-0000-
00000BFE5
XTEAWT-00-0000-
00000LFE5
XTEAWT-00-0000-
00000HFE5
R2
114
125
XTEAWT-00-0000-
000000EE5
XTEAWT-00-0000-
00000BEE5
XTEAWT-00-0000-
00000LEE5
XTEAWT-00-0000-
00000HEE5
Q5
107
118
XTEAWT-00-0000-
000000DE5
XTEAWT-00-0000-
00000BDE5
XTEAWT-00-0000-
00000LDE5
XTEAWT-00-0000-
00000HDE5
Q4
100
110
XTEAWT-00-0000-
00000LCE5
XTEAWT-00-0000-
00000HCE5
XTEAWT-00-0000-
00000PCE5
XTEAWT-00-0000-
00000UCE5
Q3
93.9
103
XTEAWT-00-0000-
00000PBE5
XTEAWT-00-0000-
00000UBE5
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAE5
XTEAWT-00-0000-
00000UAE5
P4
80.6
88.6
XTEAWT-00-0000-
00000P9E5
XTEAWT-00-0000-
00000U9E5
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000LCE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000LCE7 CREE-XTEAWT-00-0000-00000LCE7 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000LCE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com