Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCF15RN Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FCF15RN
Description  Fast-Acting CUBEFuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FCF15RN Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FCF15RN Datasheet HTML 1Page - Cooper Bussmann, Inc. FCF15RN Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast-Acting CUBEFuse
UPS/Critical Applications
Carton Quantity and Weight
Amp
Carton
Weight Per Carton
Rating
Qty.
lbs
kg
FCF-1-30
12
1.39
0.63
FCF-35-60A
12
1.42
0.65
FCF-70-100A
6
1.74
0.79
CCPB 1-, 2- & 3-Pole disconnects for
the Quik-Spec™ Coordination
Panelboard. Data Sheet 1160
TCFH_N 100, 60 & 30A Holders.
Data Sheet 9007
CCP_CF 1-, 2- & 3-Pole
switched disconnects
Data Sheet 1157
CUBEFuse Holders, Disconnects and Panelboards
The CUBEfuse is used in the following Cooper Bussmann products.
0412
BU-SB10811
Page 1 of 2
Data Sheet 2147
Catalog Symbol: FCF_RN
Fast-Acting Fuse: 4 minutes maximum clearing time at 200%
rated current for 1 to 30A fuse
6 minutes maximum clearing time at 200%
rated current for 35 to 60A fuse
8 minutes maximum clearing time at 200%
rated current for 70 to 100A fuse
Amp Ratings: 1 to 100A
Voltage Ratings: 600Vac/dc
Interrupting Ratings: 1-60A
300kA RMS Sym. (UL)
200kA RMS Sym. (CSA)
50kA DC (UL & CSA)
Interrupting Ratings: 70-100A
200kA RMS Sym. (UL)
200kA RMS Sym. (CSA)
50kA DC (UL & CSA)
Agency Information:
• UL Listed Fuse: Guide JFHR, File E4273
• CSA Certified Fuse: Class 1422- 02, File 53787
• CE compliance for the European Union low voltage directive
• RoHS compliant
Other Ratings/Specifications:
Watts Loss at rated current: FCF15RN: 3.48W
FCF30RN: 5.45W
FCF60RN: 7.27W
FCF100RN: 11.50W
Operating and Storage Temperature Range: -40 to 80°C
Material Specifications:
• Case: Glass filled PES (Polyethersulfone)
• Terminals: Copper alloy
• Terminal plating: Electroless tin
Features and Product Benefits
• The world’s first finger-safe power fuse system.
• Smallest footprint of any class fuse including Class J, CC, T
and RK.
• Class CF meets Class J fast-acting electrical
performance requirements.
• Faster response to damaging faults to help reduce
destructive thermal and magnetic forces.
• True fast-acting fuse construction.
• High interrupting rating to safely interrupt faults up to
300kA.
• No venting of arc or molten metal and gases during
opening.
• Low let-through currents under fault conditions.
Catalog Numbers (amp rating)
Non-Indicating CUBEFuse®
FCF1RN
FCF3RN
FCF6RN
FCF10RN
FCF15RN
FCF20RN
FCF25RN FCF30RN
FCF35RN
FCF40RN
FCF45RN
FCF50RN
FCF60RN FCF70RN
FCF80RN
FCF90RN
FCF100RN


Similar Part No. - FCF15RN

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FCF15RN EATON-FCF15RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
More results

Similar Description - FCF15RN

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
logo
Littelfuse
JLLN LITTELFUSE-JLLN_18 Datasheet
893Kb / 9P
   Fast-Acting
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Eaton All Rights Reserv...
CF36 EATON-CF36 Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
Copal Electronics
C-FAP COPAL-C-FAP Datasheet
393Kb / 7P
   FAST ACTING PROTECTORS
logo
Cooper Bussmann, Inc.
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com