Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317AMDT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM317AMDT
Description  3-Terminal Adjustable Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317AMDT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM317AMDT Datasheet HTML 6Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 7Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 8Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 9Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 10Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 11Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 12Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 13Page - National Semiconductor (TI) LM317AMDT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Application Hints (Continued)
The LM317 regulators have internal thermal shutdown to
protect the device from over-heating. Under all possible
operating conditions, the junction temperature of the LM317
must be within the range of 0˚C to 125˚C. A heatsink may be
required depending on the maximum power dissipation and
maximum ambient temperature of the application. To deter-
mine if a heatsink is needed, the power dissipated by the
regulator, P
D, must be calculated:
I
IN =IL +IG
P
D =(VIN −VOUT)IL +VINIG
Figure 8 shows the voltage and currents which are present in
the circuit.
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R(max):
T
R(max) = TJ(max) − TA(max)
where T
J(max) is the maximum allowable junction tempera-
ture (125˚C), and T
A(max) is the maximum ambient tem-
perature which will be encountered in the application.
Using the calculated values for T
R(max) and PD, the maxi-
mum allowable value for the junction-to-ambient thermal
resistance (
θ
JA) can be calculated:
θ
JA =TR(max)/PD
If the maximum allowable value for
θ
JA
is found to be
≥92˚C/W (Typical Rated Value) for TO-252 package, no
heatsink is needed since the package alone will dissipate
enough heat to satisfy these requirements. If the calculated
value for
θ
JA falls below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θ
JA of
TO-252 for different heatsink area. The copper patterns that
we used to measure these
θ
JAs are shown at the end of the
Application Notes Section. Figure 9 reflects the same test
results as what are in the Table 1
Figure 10 shows the maximum allowable power dissipation
vs. ambient temperature for the TO-252 device. Figure 11
shows the maximum allowable power dissipation vs. copper
area (in
2) for the TO-252 device. Please see AN1028 for
power enhancement techniques to be used with SOT-223
and TO-252 packages.
TABLE 1.
θ
JA Different Heatsink Area
Layout
Copper Area
Thermal Resistance
Top Side (in
2)*
Bottom Side (in
2)(
θ
JA˚C/W) TO-252
1
0.0123
0
103
2
0.066
0
87
3
0.3
0
60
4
0.53
0
54
5
0.76
0
52
61
0
47
7
0
0.2
84
8
0
0.4
70
9
0
0.6
63
00906357
FIGURE 6.
θ
(J−A) vs Copper (2 ounce) Area for the
SOT-223 Package
00906358
FIGURE 7. Maximum Power Dissipation vs T
AMB for
the SOT-223 Package
00906360
FIGURE 8. Power Dissipation Diagram
www.national.com
10


Similar Part No. - LM317AMDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317AMDT NSC-LM317AMDT Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317AMDT TI1-LM317AMDT Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317AMDT TI1-LM317AMDT Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AMDT TI1-LM317AMDT Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AMDT/NOPB TI1-LM317AMDT/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
More results

Similar Description - LM317AMDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com