Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCF25RN Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FCF25RN
Description  Fast-Acting CUBEFuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FCF25RN Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FCF25RN Datasheet HTML 1Page - Cooper Bussmann, Inc. FCF25RN Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FCF_RN Dimensions – in (mm)
Time-Current Characteristic Curves–Average Melt
Current Limitation Curves
0.01
0.1
1
10
100
1000
CURRENT IN AMPS
A
30A
60A
15A
100A
100
1,000
10,000
100,000
PROSPECTIVE SHORT CIRCUIT CURRENT (SYMMETRICAL RMS AMPS)
B
0412
BU-SB10811
Page 2 of 2
Data Sheet 2147
Fuse
Dimensions - in (mm)
Amps
A
B
C
D
E
F
G
1-15
1.88
0.75
1.00
0.23
0.04
0.63
0.28
(47.75)
(19.05)
(25.40)
(5.84)
(1.02)
(15.93)
(7.11)
20
1.88
0.75)
1.00
0.31
0.04
0.63
0.28
(47.75)
(19.05)
(25.40)
(7.87)
(1.02)
(15.93)
(7.11)
25-30
1.88
0.75
1.00
0.31
0.04
0.63
0.28
(47.75)
(19.05)
(25.40)
(7.87)
(1.02)
(15.93)
(7.11)
35-40
2.13
1.00
1.13
0.36
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(9.10)
(1.02)
(15.93)
(9.65)
45-50
2.13
1.00
1.13
0.44
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(11.13)
(1.02)
(15.93)
(9.65)
60
2.13
1.00
1.13
0.44
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(11.13)
(1.02)
(15.93)
(9.65)
70
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
80-90
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
100
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
© 2012 Cooper Bussmann
www.cooperbussmann.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of
this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.


Similar Part No. - FCF25RN

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FCF25RN EATON-FCF25RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
More results

Similar Description - FCF25RN

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
logo
Littelfuse
JLLN LITTELFUSE-JLLN_18 Datasheet
893Kb / 9P
   Fast-Acting
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Eaton All Rights Reserv...
CF36 EATON-CF36 Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
Copal Electronics
C-FAP COPAL-C-FAP Datasheet
393Kb / 7P
   FAST ACTING PROTECTORS
logo
Cooper Bussmann, Inc.
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com