Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1210BRHBTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210BRHBTQ1
Description  TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210BRHBTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1210BRHBTQ1 Datasheet HTML 1Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 2Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 3Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 4Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 5Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 6Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 7Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 8Page - Texas Instruments TUSB1210BRHBTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
TUSB1210-Q1
SLLSEL4A – SEPTEMBER 2014 – REVISED OCTOBER 2014
www.ti.com
Pin Functions (continued)
PIN
A/D
TYPE
LEVEL
DESCRIPTION
NAME
NO.
VDD33 Reference clock input (square-wave only). Tie to GND when pin 26 (CLOCK) is
required to be Input mode. Connect to square-wave reference clock of amplitude in
REFCLK
1
A
I
3.3 V
the range of 3 V to 3.6 V when Pin 26 (CLOCK) is required to be Output mode. See
pin 14 (CFG) description for REFCLK input frequency settings.
When low, all digital logic (except 32 kHz logic required for power up sequencing)
RESETB
27
D
I
VDDIO
including registers are reset to their default values, and ULPI bus is tri-stated. When
high, normal USB operation.
STP
29
D
I
VDDIO
ULPI STP input signal
VBAT
21
A
power
VBAT
Input supply voltage or battery source
VBUS
22
A
power
VBUS
VBUS pin of the USB connector
VDD15
12
A
power
1.5-V internal LDO output. Connect to external filtering capacitor.
VDD18
28, 30
A
power
VDD18
External 1.8-V supply input. Connect to external filtering capacitor.
VDD33
20
A
power
VDD33
3.3-V internal LDO output. Connect to external filtering capacitor.
VDDIO
32
A
I
VDDIO
External 1.8V supply input for digital I/Os. Connect to external filtering capacitor.
Thermal
GND
A
power
--
Reference Ground
Pad
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Main battery supply voltage (2)
0
5
V
Where supply represents the voltage applied
Voltage on any input(3)
to the power supply pin associated with the
–0.3
1 × VCC +0.3
V
input
VBUS input
–2
20
V
ID, DP, DM inputs
Stress condition specified 24h
–0.3
5.25
V
VDDIO
IO supply voltage
Continuous
–0.3
1.98
V
TA
Ambient temperature range
–40
85
°C
TJ
Junction temperature range
–40
150
°C
Parametric compliance
–14
125
°C
Ambient temperature for parametric
compliance
With max 125°C as junction temperature
–40
85
°C
DP, DM or ID pins short circuited to VBUS
DP, DM, ID high voltage short circuit
supply, in any mode of TUSB1210-Q1
0
5.25
V
operation, continuously for 24 hours
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The product will have negligible reliability impact if voltage spikes of 5.5 V occur for a total (cumulative over lifetime) duration of 5
milliseconds.
(3)
Except VBAT input, VBUS, ID, DP, and DM pads
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002
1500
1500
Classification Level H1C, all pins(1)
Electrostatic discharge
VESD
V
(ESD) performance:
Corner pins
–750
750
Charged device model (CDM), per AEC
Q100-011 Classification Level C4B
Other pins
–500
500
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with ANSI/ESDA/JEDEC JS-001 specifications.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB1210-Q1


Similar Part No. - TUSB1210BRHBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210BRHBT TI-TUSB1210BRHBT Datasheet
1Mb / 64P
[Old version datasheet]   Standalone USB Transceiver Chip Silicon
TUSB1210BRHBT TI1-TUSB1210BRHBT Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1210BRHBT TI1-TUSB1210BRHBT Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
More results

Similar Description - TUSB1210BRHBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1210BRHBT TI-TUSB1210BRHBT Datasheet
1Mb / 64P
[Old version datasheet]   Standalone USB Transceiver Chip Silicon
TUSB1211 TI1-TUSB1211 Datasheet
266Kb / 21P
[Old version datasheet]   Standalone USB Transceiver Chip
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
logo
STMicroelectronics
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
   Standalone USB Type-C??sink port controller
Rev 1 - October 2019
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
   USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
   USB TRANSCEIVER
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
   USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com