Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLAWT-H0-0000-000LV20E5 Datasheet(PDF) 1 Page - Cree, Inc

Part # XPLAWT-H0-0000-000LV20E5
Description  Cree XLamp XP-L LEDs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLAWT-H0-0000-000LV20E5 Datasheet(HTML) 1 Page - Cree, Inc

  XPLAWT-H0-0000-000LV20E5 Datasheet HTML 1Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 2Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 3Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 4Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 5Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 6Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 7Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 8Page - Cree, Inc XPLAWT-H0-0000-000LV20E5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Product family data sheet
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo and SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-L LEDs
XP-L High Density LED
XP-L High Intensity LED
ProDuCt DEsCrIPtIon
XLamp® XP-L LeDs are available in two
versions: High Density and High Intensity.
The XLamp® XP-L High Density (HD)
LeD is the highest performing discrete in
Cree’s High Density (HD) class of LeDs,
delivering the next generation of lumen
output and efficacy in the compact
3.45  mm  x  3.45  mm XP footprint.
Cree’s HD LeDs, optimized to deliver
maximum lumen output in a small form
factor, enable lighting manufacturers
to improve the performance of any
lighting design, create smaller and less
expensive systems, and develop new
lighting solutions that were previously
not possible.
The XLamp XP-L High Intensity (HI) LeD
is the first of Cree’s new class of High
Intensity (HI) LeDs optimized to deliver
maximum candela through secondary
optics. Built on Cree’s breakthrough SC5
Technology™ Platform, the XP-L HI LeD
delivers 120 percent more candela than
the XP-L HD LeD through the same optic.
The XP-L HI LeD leverages the industry’s
highest single-die performance and a
new innovative primary optic design that
radically reduces the optical source size
to deliver both lumens and intensity.
FEAturEs
• Available in white, 70-CRI white, 80-CRI
white, 85 CRI white and 90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 2.2 °C/W
• Wide viewing angle: 125° (XP-L High
Density), 115° (XP-L High Intensity)
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• electrically neutral thermal path
• RoHS and ReACh compliant
• UL® recognized component (e349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics - XP-L High Density ...3
Flux Characteristics - XP-L High Intensity .8
Relative Spectral Power Distribution ...... 12
Relative Flux vs. Junction Temperature.. 12
electrical Characteristics......................... 13
Relative Flux vs. Current .......................... 13
Relative Chromaticity vs. Current............ 14
Relative Chromaticity vs. Temperature... 15
Typical Spatial Distribution...................... 16
Thermal Design........................................ 16
Performance Groups – Luminous Flux... 17
Performance Groups – Chromaticity...... 18
Cree’s Standard Chromaticity Regions
Plotted on the 1931 CIe Curve ................ 21
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 23
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 24
Cree’s Standard Chromaticity Kits .......... 26
Bin and Order Code Formats................... 27
Reflow Soldering Characteristics............ 28
Notes ........................................................ 29
Mechanical Dimensions .......................... 31
Tape and Reel........................................... 33
Packaging................................................. 35


Similar Part No. - XPLAWT-H0-0000-000LV20E5

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLAWT-H0-0000-000LV20E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com