Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGBWT-H1-0000-00BZ8 Datasheet(PDF) 6 Page - Cree, Inc

Part # XPGBWT-H1-0000-00BZ8
Description  Cree XLamp XP-G2 LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGBWT-H1-0000-00BZ8 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XPGBWT-H1-0000-00BZ8 Datasheet HTML 2Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 3Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 4Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 5Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 6Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 7Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 8Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 9Page - Cree, Inc XPGBWT-H1-0000-00BZ8 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® Xp-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
80 Cri typical
80 Cri Minimum
85 Cri Minimum
90 Cri Minimum
F6
3750 K
S2
148
163
XPGBWT-01-0000-
00JF6
R5
139
153
XPGBWT-01-0000-
00HF6
XPGBWT-L1-0000-
00HF6
XPGBWT-H1-0000-
00HF6
R4
130
143
XPGBWT-01-0000-
00GF6
XPGBWT-L1-0000-
00GF6
XPGBWT-H1-0000-
00GF6
R3
122
134
XPGBWT-01-0000-
00FF6
XPGBWT-L1-0000-
00FF6
XPGBWT-H1-0000-
00FF6
R2
114
125
XPGBWT-01-0000-
00eF6
XPGBWT-L1-0000-
00eF6
XPGBWT-H1-0000-
00eF6
Q5
107
118
XPGBWT-01-0000-
00DF6
XPGBWT-L1-0000-
00DF6
XPGBWT-H1-0000-
00DF6
e6
3500 K
S2
148
163
XPGBWT-01-0000-
00JE6
R5
139
153
XPGBWT-01-0000-
00HE6
XPGBWT-L1-0000-
00HE6
XPGBWT-H1-0000-
00HE6
R4
130
143
XPGBWT-01-0000-
00Ge6
XPGBWT-L1-0000-
00Ge6
XPGBWT-H1-0000-
00Ge6
R3
122
134
XPGBWT-01-0000-
00Fe6
XPGBWT-L1-0000-
00Fe6
XPGBWT-H1-0000-
00Fe6
R2
114
125
XPGBWT-01-0000-
00ee6
XPGBWT-L1-0000-
00ee6
XPGBWT-H1-0000-
00ee6
Q5
107
118
XPGBWT-01-0000-
00De6
XPGBWT-L1-0000-
00De6
XPGBWT-H1-0000-
00De6
Z6
3500 K
R4
130
143
XPGBWT-L1-0000-
00GZ6
XPGBWT-H1-0000-
00GZ6
R3
122
134
XPGBWT-L1-0000-
00FZ6
XPGBWT-H1-0000-
00FZ6
R2
114
125
XPGBWT-L1-0000-
00eZ6
XPGBWT-H1-0000-
00eZ6
Q5
107
118
XPGBWT-L1-0000-
00DZ6
XPGBWT-H1-0000-
00DZ6


Similar Part No. - XPGBWT-H1-0000-00BZ8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGBWT-H1-0000-00CE7 CREE-XPGBWT-H1-0000-00CE7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00CF7 CREE-XPGBWT-H1-0000-00CF7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00CZ7 CREE-XPGBWT-H1-0000-00CZ7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DE5 CREE-XPGBWT-H1-0000-00DE5 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DE6 CREE-XPGBWT-H1-0000-00DE6 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPGBWT-H1-0000-00BZ8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com