Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7483A Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7483A
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483A Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7483A Datasheet HTML 1Page - ON Semiconductor ADT7483A Datasheet HTML 2Page - ON Semiconductor ADT7483A Datasheet HTML 3Page - ON Semiconductor ADT7483A Datasheet HTML 4Page - ON Semiconductor ADT7483A Datasheet HTML 5Page - ON Semiconductor ADT7483A Datasheet HTML 6Page - ON Semiconductor ADT7483A Datasheet HTML 7Page - ON Semiconductor ADT7483A Datasheet HTML 8Page - ON Semiconductor ADT7483A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADT7483A
http://onsemi.com
4
Table 5. ELECTRICAL CHARACTERISTICS (TA = −40C to +125C, VDD = 3 V to 3.6 V, unless otherwise noted) (Note 1)
Parameter
Test Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.3
3.6
V
Average Operating Supply Current, IDD
0.0625 Conversions/sec Rate (Note 1)
Standby Mode
240
5
350
30
mA
Undervoltage Lockout Threshold
VDD Input, Disables ADC, Rising Edge
2.55
V
Power-On-Reset Threshold
1
2.5
V
Temperature-to-Digital Converter (Note 2)
Local Sensor Accuracy
Resolution
0C  TA  70C
0C  TA  85C
−40C  TA  +100C
1
1
1.5
2.5
C
Remote Diode Sensor Accuracy
Resolution
0C  TA  70C, −55C  TD  150C (Note 3)
0C  TA  85C, −55C  TD  150C (Note 3)
−40C  TA  +125C, −55C  TD  150C
(Note 3)
0.25
1
1.5
2.5
C
Remote Sensor Source Current (Note 3)
High Level
Low Level
233
14
mA
Conversion Time
from Stop Bit to Conversion Complete
(All Channels), One-shot Mode with Averaging
Switched On
One-shot Mode with Averaging Off,
(Conversion Rate = 16, 32, or 64
Conversions/sec)
73
11
94
14
ms
Open-drain Digital Outputs (THERM, ALERT/THERM2)
Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
High Level Output Current, IOH
VOUT = VDD
0.1
1
mA
SMBus Interface (Notes 3 and 4)
Logic Input High Voltage, VIH, SCLK, SDATA
2.1
V
Logic Input Low Voltage, VIL, SCLK, SDATA
0.8
V
Hysteresis
500
mV
SDA Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
Logic Input Current, IIH, IIL
−1
+1
mA
SMBus Input Capacitance, SCLK, SDATA
5
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout (Note 5)
User Programmable
25
32
ms
SCLK Falling Edge to SDATA Valid Time
Master Clocking in Data
1
ms
1. See Table 11 for information on other conversion rates.
2. Averaging enabled.
3. Guaranteed by design, not production tested.
4. See SMBus Timing Specifications section for more information.
5. Disabled by default. See the Serial Bus Interface section for details to enable it.


Similar Part No. - ADT7483A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483AARQZ AD-ADT7483AARQZ Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483AARQZ ONSEMI-ADT7483AARQZ Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
ADT7483AARQZ-R7 ONSEMI-ADT7483AARQZ-R7 Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
More results

Similar Description - ADT7483A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
   Alarm and temperature measurement application
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
   Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com