Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473ARQZ-REEL Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7473ARQZ-REEL
Description  Remote Thermal Monitor and Fan Control
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473ARQZ-REEL Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7473ARQZ-REEL Datasheet HTML 1Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 2Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 3Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
ADT7473
www.onsemi.com
3
Table 2. THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
16-lead QSOP
150
39
°C/W
NOTE:
qJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages.
Table 3. PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pullup.
2
GND
Ground Pin.
3
VCC
Power Supply. Powered by 3.3 V.
4
TACH3
ADDR SELECT
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3.
If in address select mode, the logic state of this pin defines the SMBus device address.
5
PWM2
SMBALERT
THERM_LATCH
Digital Output (Open Drain). ADT7473 default pin function is PWM2. Requires 10 k
W typical pullup.
Pulse-width modulated output to control Fan 2 speed. Can be configured as a high or low frequency
drive.
On the ADT7473, this pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
ADT7473−1 default pin function. THERM_LATCH is a thermal event alert signal when an
overtemperature condition occurs.
6
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1.
7
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2.
8
PWM3
ADDREN
Digital I/O (Open Drain). Pulse-width modulated output to control the speed of Fan 3 and Fan 4.
Requires 10 k
W typical pullup. Can be configured as a high or low frequency drive.
If pulled low on powerup, the ADT7473−1 enters address select mode, and the state of Pin 4
(ADDR SELECT) determines the ADT7473−1 slave address.
9
TACH4
GPIO
THERM
SMBALERT
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4.
General Purpose Open Drain Digital I/O.
Bidirectional THERM pin. Can be used to time and monitor assertions on the THERM input as well as
to assert when an ADT7473 THERM overtemperature limit is exceeded. For example, the pin can be
connected to the PROCHOT output of an IntelR PentiumR 4 processor or to the output of a trip point
temperature sensor. Can be used as an output to signal overtemperature conditions.
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal
out-of-limit conditions.
10
D2−
Cathode Connection to Second Thermal Diode.
11
D2+
Anode Connection to Second Thermal Diode.
12
D1−
Cathode Connection to First Thermal Diode.
13
D1+
Anode Connection to First Thermal Diode.
14
VCCP
Analog Input. Monitors processor core voltage (0 V to 3.0 V).
15
PWM1
XTO
Digital Output (Open Drain). Pulse-width modulated output to control Fan 1 speed. Requires 10 k
W
typical pullup.
Also functions as the output from the XNOR tree in XNOR test mode.
16
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires 10 k
W typical pullup.


Similar Part No. - ADT7473ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7473ARQZ-REEL AD-ADT7473ARQZ-REEL Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
logo
Analog Devices
ADT7473ARQZ-REEL7 AD-ADT7473ARQZ-REEL7 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results

Similar Description - ADT7473ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com