Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7467ARQZ-FEEL Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7467ARQZ-FEEL
Description  Remote Thermal Monitor and Fan Controller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-FEEL Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7467ARQZ-FEEL Datasheet HTML 1Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 2Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 3Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 4Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 5Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-FEEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
ADT7467
http://onsemi.com
4
Table 3. ELECTRICAL SPECIFICATIONS (TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.) (Note 1)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage
3.0
3.3
5.5
V
Supply Current, ICC
Interface Inactive, ADC Active
Standby Mode
3
20
mA
mA
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
0C  TA  70C
−40C  TA  +100C
−40C  TA  +120C
−3.5
−4
1.5
+2
+2
C
Resolution
0.25
C
Remote Diode Sensor Accuracy
0C  TA  70C; 0C  TD  120C
0C  TA  105C; 0C  TD  120C
−40C  TA  +120C; 0C  TD  +120C
−3.5
−4.5
0.5
1.5
+2
+2
C
Resolution
0.25
C
Remote Sensor Source Current
First Current
Second Current
Third Current
6
36
96
mA
ANALOG-TO-DIGITAL CONVERTER (INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error (TUE)
1.5
%
Differential Nonlinearity (DNL)
8 Bits
1
LSB
Power Supply Sensitivity
0.1
%/V
Conversion Time (Voltage Input)
Averaging Enabled
11
ms
Conversion Time (Local Temperature)
Averaging Enabled
12
ms
Conversion Time (Remote Temperature)
Averaging Enabled
38
ms
Total Monitoring Cycle Time
Averaging Enabled
Averaging Disabled
145
19
ms
Input Resistance
For VCC Channel
For All Channels other than VCC
40
80
80
140
100
200
kW
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
0C  TA  70C, 3.3 V
−40C  TA  +120C, 3.3 V
−40C  TA  +120C, 5.5 V
5
7
10
%
Full-scale Count
65,535
Nominal Input RPM
Fan Count = 0xBFFF
Fan Count = 0x3FFF
Fan Count = 0x0438
Fan Count = 0x021C
109
329
5000
10,000
RPM
Internal Clock Frequency
0C  TA  70C, VCC = 3.3 V
−40C  TA  +120C, VCC = 3.3 V
85.5
83.7
90
90
94.5
96.3
kHz
Internal Clock Frequency
*40C  TA  +120C, VCC = 5.5 V
81
90
99
kHz
OPEN-DRAIN DIGITAL OUTPUTS, PWM1 to PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
IOUT = *8.0 mA, VCC = 3.3 V
0.4
V
High Level Output Current, IOH
VOUT = VCC
0.1
1.0
mA
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
IOUT = *4.0 mA, VCC = 3.3 V
0.4
V
High Level Output Current, IOH
VOUT = VCC
0.1
1.0
mA


Similar Part No. - ADT7467ARQZ-FEEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7467ARQZ-R7 ONSEMI-ADT7467ARQZ-R7 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
ADT7467ARQZ-REEL ONSEMI-ADT7467ARQZ-REEL Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
More results

Similar Description - ADT7467ARQZ-FEEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com